データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2726M データシート(PDF) 4 Page - Texas Instruments

部品番号 LM2726M
部品情報  LM2725/LM2726 High Speed Synchronous MOSFET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2726M データシート(HTML) 4 Page - Texas Instruments

  LM2726M Datasheet HTML 1Page - Texas Instruments LM2726M Datasheet HTML 2Page - Texas Instruments LM2726M Datasheet HTML 3Page - Texas Instruments LM2726M Datasheet HTML 4Page - Texas Instruments LM2726M Datasheet HTML 5Page - Texas Instruments LM2726M Datasheet HTML 6Page - Texas Instruments LM2726M Datasheet HTML 7Page - Texas Instruments LM2726M Datasheet HTML 8Page - Texas Instruments LM2726M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LM2725, LM2726
SNVS144D – NOVEMBER 2000 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
LM2725
VCC = CBOOT = 5V, SW = GND = 0V, unless otherwise specified. Typicals and limits appearing in plain type apply for TA =
TJ = +25°C. Limits appearing in boldface type apply over the entire operating temperature range.
Symbol
Parameter
Condition
Min
Typ
Max
Units
POWER SUPPLY
Iq_op
Operating Quiescent Current
PWM_IN = 0V
180
250
µA
Iq_sd
Shutdown Quiescent Current
EN = 0V, PWM_IN = 0V
0.5
15
µA
TOP DRIVER
Peak Pull-Up Current
Test Circuit 1, Vbias = 5V, R =
1.2
A
0.1
Pull-Up Rds_on
ICBOOT = IHG = 0.7A
2.4
Ω
Peak Pull-down Current
Test Circuit 2, Vbias = 5V, R =
−1.0
A
0.1
Pull-down Rds_on
ISW = IHG = 0.7A
1.4
Ω
t4
Rise Time
Timing Diagram, CLOAD = 3.3nF
17
ns
t6
Fall Time
10
ns
t3
Pull-Up Dead Time
Timing Diagram
23
ns
t5
Pull-Down Delay
Timing Diagram, from PWM_IN
21
ns
Falling Edge
BOTTOM DRIVER
Peak Pull-Up Current
Test Circuit 3, Vbias = 5V, R =
1.2
A
0.1
Pull-up Rds_on
IVCC = ILG = 0.7A
2.6
Ω
Peak Pull-down Current
Test Circuit 4, Vbias = 5V, R =
−2
A
0.1
Pull-down Rds_on
IGND = ILG = 0.7A
0.65
t8
Rise Time
Timing Diagram, CLOAD = 3.3nF
18
ns
t2
Fall Time
6
ns
t7
Pull-up Dead Time
Timing Diagram
28
ns
t1
Pull-down Delay
Timing Diagram, from PWM_IN
15
ns
Rising Edge
LOGIC
Vuvlo_up
Power On Threshold
VCC rises from 0V toward 5V
3.0
V
Vuvlo_dn
Under-Voltage-Lock-Out
2.5
V
Threshold
Vuvlo_hys
Under-Voltage-Lock-Out
0.5
V
Hysteresis
VIH_EN
EN Pin High Input
2.4
V
VIL_EN
EN Pin Low Input
0.8
V
Ileak_EN
EN Pin Leakage Current
EN = VCC = 5V
−2
2
µA
VCC = 5V, EN = 0V
−2
2
ton_min
Minimum Positive Input Pulse
Width
55
(1)
ns
toff_min
Minimum Negative Input Pulse
Width
55
(2)
(1)
If after a rising edge, a falling edge occurs sooner than the specified value, the IC may intermittently fail to turn on the bottom gate when
the top gate is off. As the falling edge occurs sooner and sooner, the driver may start to ignore the pulse and produce no output.
(2)
If after a falling edge, a rising edge occurs sooner than the specified value, the IC may intermittently fail to turn on the top gate when the
bottom gate is off. As the rising edge occurs sooner and sooner, the driver may start to ignore the pulse and produce no output.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2725 LM2726


同様の部品番号 - LM2726M

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2726M NSC-LM2726M Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
LM2726MX NSC-LM2726MX Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
More results

同様の説明 - LM2726M

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2725 NSC-LM2725 Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
logo
Linear Technology
LTC4442-1 LINER-LTC4442-1_15 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442_15 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442 Datasheet
161Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4443 LINER-LTC4443 Datasheet
145Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
   High Speed MOSFET Drivers
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com