データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317DCYR データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM317DCYR
部品情報  3-Terminal Adjustable Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM317DCYR データシート(HTML) 7 Page - Texas Instruments

Back Button LM317DCYR Datasheet HTML 3Page - Texas Instruments LM317DCYR Datasheet HTML 4Page - Texas Instruments LM317DCYR Datasheet HTML 5Page - Texas Instruments LM317DCYR Datasheet HTML 6Page - Texas Instruments LM317DCYR Datasheet HTML 7Page - Texas Instruments LM317DCYR Datasheet HTML 8Page - Texas Instruments LM317DCYR Datasheet HTML 9Page - Texas Instruments LM317DCYR Datasheet HTML 10Page - Texas Instruments LM317DCYR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
-75
-70
-65
-60
-55
-50
-45
-40
-35
5
10
15
20
25
30
35
VOUT – V
VIN – VOUT = 15 V
IOUT = 500 m A
f = 120 Hz
TA = 25°C
-90
-80
-70
-60
-50
-40
-30
-20
-10
100
1000
10000
100000
1000000
Frequency – Hz
VIN = 15 V
VOUT = 10 V
IOUT = 500 m A
TA = 25°C
100
1k
10k
100k
1M
C
=0µF
ADJ
C
=10µF
ADJ
LM317
www.ti.com
SLVS044W – SEPTEMBER 1997 – REVISED OCTOBER 2014
Typical Characteristics (continued)
Figure 7. Ripple Rejection
Figure 8. Ripple Rejection
vs Output Voltage
vs Frequency
Copyright © 1997–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM317


同様の部品番号 - LM317DCYR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM317DCYR TI-LM317DCYR Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Guangdong Youtai Semico...
LM317DCYR UMW-LM317DCYR Datasheet
1Mb / 7P
   This monolithic integrated circuit is an adjustable 3-terminal
logo
Texas Instruments
LM317DCYRG3 TI-LM317DCYRG3 Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

同様の説明 - LM317DCYR

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com