データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317KTER データシート(PDF) 4 Page - Texas Instruments

部品番号 LM317KTER
部品情報  3-Terminal Adjustable Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM317KTER データシート(HTML) 4 Page - Texas Instruments

  LM317KTER Datasheet HTML 1Page - Texas Instruments LM317KTER Datasheet HTML 2Page - Texas Instruments LM317KTER Datasheet HTML 3Page - Texas Instruments LM317KTER Datasheet HTML 4Page - Texas Instruments LM317KTER Datasheet HTML 5Page - Texas Instruments LM317KTER Datasheet HTML 6Page - Texas Instruments LM317KTER Datasheet HTML 7Page - Texas Instruments LM317KTER Datasheet HTML 8Page - Texas Instruments LM317KTER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LM317
SLVS044W – SEPTEMBER 1997 – REVISED OCTOBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over virtual junction temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VI – VO
Input-to-output differential voltage
40
V
TJ
Operating virtual junction temperature
150
°C
Lead temperature 1,6 mm (1/16 in) from case for 10 s
260
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
MAX
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
2500
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
1000
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VO
Output voltage
1.25
7
V
VI – VO
Input-to-output differential voltage
3
40
V
IO
Output current
1.5
A
TJ
Operating virtual junction temperature
0
125
°C
7.4 Thermal Information
LM317
THERMAL METRIC(1)
DCY
KCS
KTT
UNIT
4 PINS
4 PINS
4 PINS
RθJA
Junction-to-ambient thermal resistance
53
19
25.3
RθJC(top)
Junction-to-case (top) thermal resistance
30.6
17
18
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3
1.94
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
4
Submit Documentation Feedback
Copyright © 1997–2014, Texas Instruments Incorporated
Product Folder Links: LM317


同様の部品番号 - LM317KTER

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM317KTER TI-LM317KTER Datasheet
154Kb / 10P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317KTER TI-LM317KTER Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

同様の説明 - LM317KTER

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com