データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317KTER データシート(PDF) 6 Page - Texas Instruments

部品番号 LM317KTER
部品情報  3-Terminal Adjustable Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM317KTER データシート(HTML) 6 Page - Texas Instruments

Back Button LM317KTER Datasheet HTML 2Page - Texas Instruments LM317KTER Datasheet HTML 3Page - Texas Instruments LM317KTER Datasheet HTML 4Page - Texas Instruments LM317KTER Datasheet HTML 5Page - Texas Instruments LM317KTER Datasheet HTML 6Page - Texas Instruments LM317KTER Datasheet HTML 7Page - Texas Instruments LM317KTER Datasheet HTML 8Page - Texas Instruments LM317KTER Datasheet HTML 9Page - Texas Instruments LM317KTER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
1.24
1.245
1.25
1.255
1.26
1.265
1.27
1.275
1.28
1.285
V
IN – V
T =125°C
A
T =25°C
A
T = –40°C
A
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
IOUT – A
VIN = 15 V
VOUT = 10 V
f = 120 Hz
TA = 25°C
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
Tim e – µs
9
9.2
9.4
9.6
9.8
10
10.2
10.4
10.6
10.8
11
V
IN
V
OUT
C
=10µF
ADJ
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
Tim e – µs
9
9.2
9.4
9.6
9.8
10
10.2
10.4
10.6
10.8
11
V
IN
V
OUT
C
=0µF
ADJ
9.98
9.985
9.99
9.995
10
10.005
10.01
I
OUT – A
T =25°C
A
T = –40°C
A
T =125°C
A
V
=10VNom
OUT
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
I
OUT – A
T =125°C
A
T =25°C
A
T = –40°C
A
V
=V
OUT
REF
LM317
SLVS044W – SEPTEMBER 1997 – REVISED OCTOBER 2014
www.ti.com
7.6 Typical Characteristics
Figure 2. Load Regulation
Figure 1. Load Regulation
Figure 3. Load Transient Response
Figure 4. Load Transient Response
Figure 5. Line Regulation
Figure 6. Ripple Rejection
vs Output Current
6
Submit Documentation Feedback
Copyright © 1997–2014, Texas Instruments Incorporated
Product Folder Links: LM317


同様の部品番号 - LM317KTER

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM317KTER TI-LM317KTER Datasheet
154Kb / 10P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317KTER TI-LM317KTER Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

同様の説明 - LM317KTER

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com