データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3046MX データシート(PDF) 8 Page - Texas Instruments

部品番号 LM3046MX
部品情報  Transistor Array
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3046MX データシート(HTML) 8 Page - Texas Instruments

Back Button LM3046MX Datasheet HTML 4Page - Texas Instruments LM3046MX Datasheet HTML 5Page - Texas Instruments LM3046MX Datasheet HTML 6Page - Texas Instruments LM3046MX Datasheet HTML 7Page - Texas Instruments LM3046MX Datasheet HTML 8Page - Texas Instruments LM3046MX Datasheet HTML 9Page - Texas Instruments LM3046MX Datasheet HTML 10Page - Texas Instruments LM3046MX Datasheet HTML 11Page - Texas Instruments LM3046MX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-Nov-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM3046M
NRND
SOIC
D
14
55
TBD
Call TI
Call TI
-40 to 85
LM3046M
LM3046M/NOPB
ACTIVE
SOIC
D
14
55
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
LM3046M
LM3046MX
NRND
SOIC
D
14
TBD
Call TI
Call TI
-40 to 85
LM3046M
LM3046MX/NOPB
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
LM3046M
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and


同様の部品番号 - LM3046MX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3046MX TI1-LM3046MX Datasheet
891Kb / 13P
[Old version datasheet]   LM3046 Transistor Array
More results

同様の説明 - LM3046MX

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ULN-2086A ETC1-ULN-2086A Datasheet
68Kb / 1P
   TRANSISTOR ARRAY
logo
National Semiconductor ...
LM3046 NSC-LM3046 Datasheet
197Kb / 6P
   Transistor Array
logo
NEC
UPA80C NEC-UPA80C Datasheet
327Kb / 2P
   TRANSISTOR ARRAY
logo
Diodes Incorporated
CTA2N1P DIODES-CTA2N1P Datasheet
61Kb / 3P
   COMPLEX TRANSISTOR ARRAY
DS30295 Rev. A-2
logo
Rohm
BA6254FS ROHM-BA6254FS Datasheet
62Kb / 4P
   PNP transistor array
logo
Sanken electric
STA461C SANKEN-STA461C Datasheet
22Kb / 1P
   Power Transistor Array
logo
Sanyo Semicon Device
LB1287 SANYO-LB1287 Datasheet
76Kb / 3P
   Darlington Transistor Array
logo
JSC ALFA.
AS3046 ALFA-AS3046 Datasheet
431Kb / 2P
   NPN Transistor Array
logo
Silicon Supplies
SIS3045 SS-SIS3045 Datasheet
1Mb / 7P
   Monolithic Transistor Array
logo
Renesas Technology Corp
UPA1437 RENESAS-UPA1437 Datasheet
211Kb / 8P
   SILICON TRANSISTOR ARRAY
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com