データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2941S データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM2941S
部品情報  1A Low Dropout Adjustable Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941S データシート(HTML) 2 Page - Texas Instruments

  LM2941S Datasheet HTML 1Page - Texas Instruments LM2941S Datasheet HTML 2Page - Texas Instruments LM2941S Datasheet HTML 3Page - Texas Instruments LM2941S Datasheet HTML 4Page - Texas Instruments LM2941S Datasheet HTML 5Page - Texas Instruments LM2941S Datasheet HTML 6Page - Texas Instruments LM2941S Datasheet HTML 7Page - Texas Instruments LM2941S Datasheet HTML 8Page - Texas Instruments LM2941S Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LM2941, LM2941C
SNVS770I – JUNE 1999 – REVISED JANUARY 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Application and Implementation ........................ 12
8.1
Application Information............................................ 12
2
Applications ........................................................... 1
8.2
Typical Application .................................................. 12
3
Description ............................................................. 1
9
Power Supply Recommendations ...................... 14
4
Revision History..................................................... 2
10
Layout................................................................... 14
5
Pin Configuration and Functions ......................... 3
10.1
Layout Guidelines ................................................. 14
6
Specifications......................................................... 4
10.2
Layout Example .................................................... 14
6.1
Absolute Maximum Ratings ...................................... 4
10.3
Power Dissipation ................................................. 16
6.2
ESD Ratings ............................................................ 4
10.4
Thermal Considerations ........................................ 17
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 18
6.4
Thermal Information .................................................. 5
11.1
Device Support .................................................... 18
6.5
Electrical Characteristics: LM2941T, LM2941S,
LM2941LD.................................................................. 5
11.2
Documentation Support ....................................... 18
6.6
Electrical Characteristics: LM2941CT, LM2941CS... 6
11.3
Related Links ........................................................ 18
6.7
Typical Characteristics .............................................. 7
11.4
Trademarks ........................................................... 18
11.5
Electrostatic Discharge Caution ............................ 18
7
Detailed Description ............................................ 10
11.6
Glossary ................................................................ 19
7.1
Overview ................................................................. 10
7.2
Functional Block Diagram ....................................... 10
12
Mechanical, Packaging, and Orderable
Information ........................................................... 19
7.3
Feature Description................................................. 10
7.4
Device Functional Modes........................................ 11
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision H (December 2014) to Revision I
Page
Changed update pin names to TI nomenclature ................................................................................................................... 1
Changes from Revision G (April 2013) to Revision H
Page
Added Device Information and ESD Ratings tables, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section; updated Thermal Info .. 1
Changes from Revision F (April 2013) to Revision G
Page
Changed layout of National Data Sheet to TI format ............................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM2941 LM2941C


同様の部品番号 - LM2941S

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2941S NSC-LM2941S Datasheet
322Kb / 10P
   1A Low Dropout Adjustable Regulator
logo
List of Unclassifed Man...
LM2941S ETC-LM2941S Datasheet
196Kb / 5P
   1.25A High Current Low Dropout
logo
Texas Instruments
LM2941S TI1-LM2941S Datasheet
3Mb / 26P
[Old version datasheet]   LM2941/LM2941C 1A Low Dropout Adjustable Regulator
LM2941S/NOPB TI1-LM2941S/NOPB Datasheet
3Mb / 26P
[Old version datasheet]   LM2941/LM2941C 1A Low Dropout Adjustable Regulator
LM2941SX TI1-LM2941SX Datasheet
3Mb / 26P
[Old version datasheet]   LM2941/LM2941C 1A Low Dropout Adjustable Regulator
More results

同様の説明 - LM2941S

メーカー部品番号データシート部品情報
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
   1A Adjustable Low-Dropout Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941 Datasheet
322Kb / 10P
   1A Low Dropout Adjustable Regulator
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
LM2941QML-SP TI-LM2941QML-SP_15 Datasheet
371Kb / 15P
[Old version datasheet]   LM2941QML 1A Low Dropout Adjustable Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com