データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2940IMP-5.0 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM2940IMP-5.0
部品情報  1A Low Dropout Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2940IMP-5.0 データシート(HTML) 3 Page - Texas Instruments

  LM2940IMP-5.0 Datasheet HTML 1Page - Texas Instruments LM2940IMP-5.0 Datasheet HTML 2Page - Texas Instruments LM2940IMP-5.0 Datasheet HTML 3Page - Texas Instruments LM2940IMP-5.0 Datasheet HTML 4Page - Texas Instruments LM2940IMP-5.0 Datasheet HTML 5Page - Texas Instruments LM2940IMP-5.0 Datasheet HTML 6Page - Texas Instruments LM2940IMP-5.0 Datasheet HTML 7Page - Texas Instruments LM2940IMP-5.0 Datasheet HTML 8Page - Texas Instruments LM2940IMP-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
GND
IN
N/C
GND
1
3
4
2
6
5
7
8
GND
N/C
OUT
OUT
N/C
LM2940-N, LM2940C
www.ti.com
SNVS769J – MARCH 2000 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
DDPAK/TO-263 (KTT) Package
DDPAK/TO-263 ( KTT) Package
3 Pins
Side View
Top View
WSON (NGN) Package
8 Pins
Top View
TO-220 (NDE) Package
4 Pins
Front View
SOT-223 (DCY) Package
3 Pins
Front View
Pin 2 and pin 7 are fused to center DAP
Pin 5 and 6 need to be tied together on
PCB board
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NDE
KTT
DCY
NGN
IN
1
1
1
3
I
Unregulated input voltage.
GND
2
2
2
2
Ground
Regulated output voltage. This pin requires an output capacitor to
OUT
3
3
3
5, 6
O
maintain stability. See Detailed Design Procedure for output
capacitor details.
GND
4
4
4
7
Ground
N/C
1, 4, 8
No connection
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2940-N LM2940C


同様の部品番号 - LM2940IMP-5.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2940IMP-5.0 NSC-LM2940IMP-5.0 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940IMP-5.0 TI1-LM2940IMP-5.0 Datasheet
2Mb / 35P
[Old version datasheet]   LM2940-N/LM2940C 1A Low Dropout Regulator
LM2940IMP-5.0/NOPB TI1-LM2940IMP-5.0/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2940-N/LM2940C 1A Low Dropout Regulator
More results

同様の説明 - LM2940IMP-5.0

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
   1A LOW DROPOUT REGULATOR
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
[Old version datasheet]   1A Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com