データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2903PE4 データシート(PDF) 11 Page - Texas Instruments

部品番号 LM2903PE4
部品情報  Dual Differential Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2903PE4 データシート(HTML) 11 Page - Texas Instruments

Back Button LM2903PE4 Datasheet HTML 7Page - Texas Instruments LM2903PE4 Datasheet HTML 8Page - Texas Instruments LM2903PE4 Datasheet HTML 9Page - Texas Instruments LM2903PE4 Datasheet HTML 10Page - Texas Instruments LM2903PE4 Datasheet HTML 11Page - Texas Instruments LM2903PE4 Datasheet HTML 12Page - Texas Instruments LM2903PE4 Datasheet HTML 13Page - Texas Instruments LM2903PE4 Datasheet HTML 14Page - Texas Instruments LM2903PE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
±1
0
1
2
3
4
5
6
-0.25
0.25
0.75
1.25
1.75
2.25
Time (usec)
5mV OD
20mV OD
100mV OD
C004
±1
0
1
2
3
4
5
6
±0.25 0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Time (usec)
5mV OD
20mV OD
100mV OD
C006
LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
www.ti.com
SLCS005Y – OCTOBER 1979 – REVISED JUNE 2015
1. When both IN- and IN+ are both within the common-mode range:
(a) If IN- is higher than IN+ and the offset voltage, the output is low and the output transistor is sinking
current
(b) If IN- is lower than IN+ and the offset voltage, the output is high impedance and the output transistor is
not conducting
2. When IN- is higher than common-mode and IN+ is within common-mode, the output is low and the output
transistor is sinking current
3. When IN+ is higher than common-mode and IN- is within common-mode, the output is high impedance and
the output transistor is not conducting
4. When IN- and IN+ are both higher than common-mode, the output is low and the output transistor is sinking
current
8.2.2.2 Minimum Overdrive Voltage
Overdrive Voltage is the differential voltage produced between the positive and negative inputs of the comparator
over the offset voltage (VIO). In order to make an accurate comparison the Overdrive Voltage (VOD) should be
higher than the input offset voltage (VIO). Overdrive voltage can also determine the response time of the
comparator, with the response time decreasing with increasing overdrive. Figure 8 and Figure 9 show positive
and negative response times with respect to overdrive voltage.
8.2.2.3 Output and Drive Current
Output current is determined by the load/pull-up resistance and logic/pullup voltage. The output current will
produce a output low voltage (VOL) from the comparator. In which VOL is proportional to the output current. Use
Typical Characteristics to determine VOL based on the output current.
The output current can also effect the transient response. See Response Time for more information.
8.2.2.4 Response Time
The transient response can be determined by the load capacitance (CL), load/pullup resistance (RPULLUP) and
equivalent collector-emitter resistance (RCE).
The positive response time (
τp) is approximately τP ~ RPULLUP × CL
The negative response time (
τN) is approximately τN ~ RCE × CL
RCE can be determine by taking the slope of Typical Characteristics in it's linear region at the desired
temperature, or by dividing the VOL by Iout
8.2.3 Application Curves
The following curves were generated with 5 V on VCC and VLogic, RPULLUP = 5.1 kΩ, and 50 pF scope probe.
Figure 8. Response Time for Various Overdrives
Figure 9. Response Time for Various Overdrives
(Positive Transition)
(Negative Transition)
Copyright © 1979–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V


同様の部品番号 - LM2903PE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2903PE4 TI-LM2903PE4 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903PE4 TI-LM2903PE4 Datasheet
458Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903PE4 TI-LM2903PE4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903PE4 TI-LM2903PE4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903PE4 TI1-LM2903PE4 Datasheet
885Kb / 25P
[Old version datasheet]   Dual Differential Comparators
More results

同様の説明 - LM2903PE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
TL393CD TI-TL393CD Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI-LM193 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
   Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com