データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2940SX-12 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM2940SX-12
部品情報  1A Low Dropout Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2940SX-12 データシート(HTML) 5 Page - Texas Instruments

  LM2940SX-12 Datasheet HTML 1Page - Texas Instruments LM2940SX-12 Datasheet HTML 2Page - Texas Instruments LM2940SX-12 Datasheet HTML 3Page - Texas Instruments LM2940SX-12 Datasheet HTML 4Page - Texas Instruments LM2940SX-12 Datasheet HTML 5Page - Texas Instruments LM2940SX-12 Datasheet HTML 6Page - Texas Instruments LM2940SX-12 Datasheet HTML 7Page - Texas Instruments LM2940SX-12 Datasheet HTML 8Page - Texas Instruments LM2940SX-12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LM2940-N, LM2940C
www.ti.com
SNVS769J – MARCH 2000 – REVISED DECEMBER 2014
6.4 Thermal Information
LM2940-N, LM2940C
LM2940-N
TO-220
DDPAK/TO-263
SOT-223
WSON
THERMAL METRIC(1)
UNIT
(NDE)
(KTT)
(DCY)
(NGN)
3 PINS
3 PINS
4 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance(2)
23.3
40.9
59.3
40.5
RθJC(top) Junction-to-case (top) thermal resistance
16.1
43.5
38.9
26.2
RθJB
Junction-to-board thermal resistance
4.8
23.5
8.1
17.0
°C/W
ψJT
Junction-to-top characterization parameter
2.7
10.3
1.7
0.2
ψJB
Junction-to-board characterization parameter
4.8
22.5
8.0
17.2
RθJC(bot) Junction-to-case (bottom) thermal resistance
1.1
0.8
n/a
3.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Thermal information for the TO-220 package is for a package vertically mounted with a heat sink in the middle of a PCB which is
compliant to the JEDEC HIGH-K 2s2p (JESD51-7). The heatsink-to-ambient thermal resistance, RƟSA, is 21.7°C/W. See Heatsinking
TO-220 Package Parts for more information.
6.5 Electrical Characteristics (5 V and 8 V)
Unless otherwise specified: VIN = VOUT + 5 V, IOUT = 1 A and COUT = 22 µF. MIN (minimum) and MAX (maximum) limits apply
over the recommended operating temperature range, unless otherwise noted; typical limits apply for TA = TJ = 25°C.
5 V
8 V
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Input voltage
5 mA
≤ IOUT ≤ 1 A
6.25
26
9.4
26
5 mA
≤ IOUT ≤ 1A
4.75
5
5.25
7.6
8
8.4
V
Output voltage
5 mA
≤ IOUT ≤ 1A, TJ = 25°C
4.85
5
5.15
7.76
8
8.24
VOUT + 2 V ≤ VIN ≤ 26 V, IOUT = 5 mA
Line regulation
20
50
20
80
mV
TJ = 25°C
50 mA
≤ IOUT ≤ 1 A
LM2940-N
35
80
55
130
Load regulation
LM2940-N
35
50
55
80
mV
50 mA
≤ IOUT ≤ 1 A
TJ = 25°C
LM2940C
35
50
55
80
Output
100 mADC, 20 mArms, ƒOUT = 120 Hz
35
55
m
Ω
impedance
VOUT + 2 V ≤ VIN ≤ 26 V,
LM2940-N
10
20
10
20
IOUT = 5 mA
VOUT + 2 V ≤ VIN ≤ 26 V,
LM2940-N
10
15
10
15
IOUT = 5 mA
Quiescent current
LM2940C
10
15
mA
TJ = 25°C
VIN = VOUT + 5 V, IOUT = 1 A
30
60
30
60
VIN = VOUT + 5 V, IOUT = 1 A
30
45
30
45
TJ = 25°C
Output noise
10 Hz to 100 kHz, IOUT = 5 mA
150
240
µVrms
voltage
ƒOUT = 120 Hz, 1 Vrms, IOUT =
LM2940-N
54
72
48
66
100 mA
Ripple rejection
dB
ƒOUT = 120 Hz, 1 Vrms, IOUT =
LM2940-N
60
72
54
66
100 mA
LM2940C
60
72
54
66
TJ = 25°C
Long-term
mV/1000
20
32
stability
Hr
IOUT = 1A
0.5
1
0.5
1
V
IOUT = 1A, TJ = 25°C
0.5
0.8
0.5
0.8
Dropout voltage
IOUT = 100 mA
110
200
110
200
mV
IOUT = 100 mA, TJ = 25°C
110
150
110
150
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2940-N LM2940C


同様の部品番号 - LM2940SX-12

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2940SX-12 TI1-LM2940SX-12 Datasheet
2Mb / 35P
[Old version datasheet]   LM2940-N/LM2940C 1A Low Dropout Regulator
LM2940SX-12/NOPB TI1-LM2940SX-12/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2940-N/LM2940C 1A Low Dropout Regulator
More results

同様の説明 - LM2940SX-12

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
   1A LOW DROPOUT REGULATOR
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
[Old version datasheet]   1A Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com