データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4736A-G データシート(PDF) 2 Page - Comchip Technology

部品番号 1N4736A-G
部品情報  Glass passivated chip.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N4736A-G データシート(HTML) 2 Page - Comchip Technology

  1N4736A-G Datasheet HTML 1Page - Comchip Technology 1N4736A-G Datasheet HTML 2Page - Comchip Technology 1N4736A-G Datasheet HTML 3Page - Comchip Technology 1N4736A-G Datasheet HTML 4Page - Comchip Technology 1N4736A-G Datasheet HTML 5Page - Comchip Technology 1N4736A-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (1N4728A-G Thru. Z1330A-G)
VZ@IZT
IZT
1N4735A-G
1.00
41.00
10
700
2.0
146.00
6.2
1N4736A-G
1.00
37.00
5.0
700
3.5
133.00
6.8
1N4737A-G
0.50
34.00
5.0
700
4.0
121.00
7.5
1N4738A-G
0.50
31.00
700
4.5
110.00
8.2
1N4739A-G
0.50
28.00
700
5.0
100.00
9.1
0.25
25.00
700
7.0
91.00
10.0
0.25
23.00
700
8.0
83.00
11.0
0.25
21.00
700
9.0
76.00
12.0
19.00
0.1
700
10.0
69.00
13.0
17.00
0.1
700
14.0
61.00
15.0
15.50
0.1
700
16.0
57.00
16.0
14.00
0.1
750
20.0
50.00
18.0
12.50
750
22.0
45.00
20.0
11.50
750
23.0
41.00
22.0
10.50
750
25.0
38.00
24.0
9.50
750
35.0
34.00
27.0
8.50
1000
40.0
30.00
30.0
7.50
1000
45.0
27.00
33.0
7.00
1000
50.0
25.00
36.0
6.50
1000
60.0
23.00
39.0
6.00
1500
70.0
22.00
43.0
5.50
1500
80.0
19.00
47.0
5.00
1500
95.0
18.00
51.0
4.50
2000
110.0
16.00
56.0
4.00
2000
125.0
14.00
62.0
3.70
2000
150.0
13.00
68.0
3.30
2000
175.0
12.00
75.0
3.00
3000
200.0
11.00
82.0
2.80
3000
250.0
10.00
91.0
Part No
Maximum
Impedance
Zener
IR @VR
1N4740A-G
1N4741A-G
1N4742A-G
1N4743A-G
1N4744A-G
1N4745A-G
1N4746A-G
1N4747A-G
1N4748A-G
1N4749A-G
1N4750A-G
1N4751A-G
1N4752A-G
1N4753A-G
1N4754A-G
1N4755A-G
1N4756A-G
1N4757A-G
1N4758A-G
1N4759A-G
1N4760A-G
1N4761A-G
1N4762A-G
1N4763A-G
0.5
0.5
0.1
0.1
5.0
Marking
Code
ZZT@IZT
ZZK@IZK
IZK
IZM
IRM
Nominal Zener
Voltage
Maximum Reverse
Leakage Current
Maximum
DC Zener
Current
Maximum
Surge
Current
3.0
4.0
5.0
6.0
7.0
7.6
8.4
9.1
9.9
11.4
12.2
13.7
15.2
16.7
18.2
20.6
22.8
25.1
27.4
29.7
32.7
35.8
38.8
42.6
47.1
51.7
56.0
62.2
69.2
730
660
605
550
500
454
414
380
344
305
285
250
225
205
190
170
150
135
125
115
110
95
90
80
70
65
60
55
50
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
1N4735A
1N4736A
1N4737A
1N4738A
1N4739A
1N4740A
1N4741A
1N4742A
1N4743A
1N4744A
1N4745A
1N4746A
1N4747A
1N4748A
1N4749A
1N4750A
1N4751A
1N4752A
1N4753A
1N4754A
1N4755A
1N4756A
1N4757A
1N4758A
1N4759A
1N4760A
1N4761A
1N4762A
1N4763A
(V)
(mA)
(μA)
(Ω)
(Ω)
(mA)
(V)
(mA)
(mApk)
1N4728A-G
1.00
76.00
100
400
10
274.00
3.3
1N4729A-G
1.00
69.00
100
400
10
251.00
3.6
1N4730A-G
1.00
64.00
50
400
9.0
232.00
3.9
1N4731A-G
1.00
58.00
400
9.0
210.00
4.3
1N4732A-G
1.00
53.00
500
8.0
192.00
4.7
1.00
49.00
550
7.0
177.00
5.1
1.00
45.00
600
5.0
161.00
5.6
1N4733A-G
1N4734A-G
10
10
10
10
1.0
1.0
1.0
1.0
1.0
1.0
2.0
1370
1255
1160
1050
960
885
805
1N4728A
1N4729A
1N4730A
1N4731A
1N4732A
1N4733A
1N4734A
Notes:
1. The type
standard tolerance on the
± 5%.
number listed have a
nominal zener voltage of
2.
everse
The r
surge current is a non-repetitive, 8.3ms pulse width square wave
or equivalent sine-wave superimposed on IZT per JEDEC method.
2.50
3000
350.0
9.00
100.0
1N4764A-G
76.0
45
0.25
0.1
1N4764A
Page 2
REV: D
QW-BZ007
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Axial Lead Zener Diode


同様の部品番号 - 1N4736A-G

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
1N4736A-G PANJIT-1N4736A-G Datasheet
399Kb / 5P
   SILICON ZENER DIODE
1N4736A-G PANJIT-1N4736A-G Datasheet
304Kb / 5P
   SILICON ZENER DIODE
More results

同様の説明 - 1N4736A-G

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
MT110C08T1 MCC-MT110C08T1 Datasheet
545Kb / 5P
   Glass passivated chip
MD100S08M3 MCC-MD100S08M3 Datasheet
512Kb / 4P
   Glass passivated chip
TBS20A MCC-TBS20A Datasheet
371Kb / 3P
   Glass passivated chip
logo
Bruckewell Technology L...
FR301_7G BWTECH-FR301_7G Datasheet
361Kb / 4P
   Glass passivated chip
logo
StarHope
ASB20A SPSEMI-ASB20A Datasheet
1Mb / 4P
   Glass passivated chip
logo
Kersemi Electronic Co.,...
MUR2010CT KERSEMI-MUR2010CT Datasheet
1Mb / 2P
   Glass passivated chip
logo
Micro Commercial Compon...
MD100A08D1 MCC-MD100A08D1 Datasheet
476Kb / 4P
   Glass passivated chip
logo
Shenzhen Luguang Electr...
5KP170 LUGUANG-5KP170 Datasheet
425Kb / 4P
   Glass passivated chip
logo
New Jersey Semi-Conduct...
MUR1605 NJSEMI-MUR1605 Datasheet
93Kb / 1P
   Glass passivated chip
logo
Shanghai Leiditech Elec...
SMAJ3.3LIR LEIDITECH-SMAJ3.3LIR Datasheet
1,016Kb / 3P
   Glass passivated chip
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com