データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4750A-G データシート(PDF) 5 Page - Comchip Technology

部品番号 1N4750A-G
部品情報  Glass passivated chip.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N4750A-G データシート(HTML) 5 Page - Comchip Technology

  1N4750A-G Datasheet HTML 1Page - Comchip Technology 1N4750A-G Datasheet HTML 2Page - Comchip Technology 1N4750A-G Datasheet HTML 3Page - Comchip Technology 1N4750A-G Datasheet HTML 4Page - Comchip Technology 1N4750A-G Datasheet HTML 5Page - Comchip Technology 1N4750A-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
B
L1
L2
E
A
Z
T
E
90℃±5℃
Taping Specification For Axial Lead Diodes
Page 5
REV: D
QW-BZ007
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Axial Lead Zener Diode
D1
D2
D
W1
B
Z
T
D
D2
D1
SYMBOL
(mm)
(inch)
3.374 ± 0.012
6.00 ± 0.40
85.70 ± 0.30
16.60 ± 0.40
330 (max)
13.00 (max)
0.654 ± 0.016
5.00 ± 0.50
0.197 ± 0.020
52.00 ± 0.50
2.047 ± 0.020
1.20 (max)
0.047 (max)
0.236 ± 0.016
145.00
SYMBOL
(mm)
(inch)
5.709
L
W
H
W1
260.00
10.236
75.00
2.953
A
L
H
W
DO-41
DO-41
E
L2
L1
0.039 (max)
1.00 (max)
3.00 (max)
0.118 (max)
0.039 (max)
1.00 (max)
72.00 ± 3.00
2.835 ± 0.118


同様の部品番号 - 1N4750A-G

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
1N4750A-G PANJIT-1N4750A-G Datasheet
399Kb / 5P
   SILICON ZENER DIODE
1N4750A-G PANJIT-1N4750A-G Datasheet
304Kb / 5P
   SILICON ZENER DIODE
More results

同様の説明 - 1N4750A-G

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
MT110C08T1 MCC-MT110C08T1 Datasheet
545Kb / 5P
   Glass passivated chip
MD100S08M3 MCC-MD100S08M3 Datasheet
512Kb / 4P
   Glass passivated chip
TBS20A MCC-TBS20A Datasheet
371Kb / 3P
   Glass passivated chip
logo
Bruckewell Technology L...
FR301_7G BWTECH-FR301_7G Datasheet
361Kb / 4P
   Glass passivated chip
logo
StarHope
ASB20A SPSEMI-ASB20A Datasheet
1Mb / 4P
   Glass passivated chip
logo
Kersemi Electronic Co.,...
MUR2010CT KERSEMI-MUR2010CT Datasheet
1Mb / 2P
   Glass passivated chip
logo
Micro Commercial Compon...
MD100A08D1 MCC-MD100A08D1 Datasheet
476Kb / 4P
   Glass passivated chip
logo
Shenzhen Luguang Electr...
5KP170 LUGUANG-5KP170 Datasheet
425Kb / 4P
   Glass passivated chip
logo
New Jersey Semi-Conduct...
MUR1605 NJSEMI-MUR1605 Datasheet
93Kb / 1P
   Glass passivated chip
logo
Shanghai Leiditech Elec...
SMAJ3.3LIR LEIDITECH-SMAJ3.3LIR Datasheet
1,016Kb / 3P
   Glass passivated chip
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com