データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM34 データシート(PDF) 3 Page - Texas Instruments

部品番号 LM34
部品情報  Precision Fahrenheit Temperature Sensors
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM34 データシート(HTML) 3 Page - Texas Instruments

  LM34_16 Datasheet HTML 1Page - Texas Instruments LM34_16 Datasheet HTML 2Page - Texas Instruments LM34_16 Datasheet HTML 3Page - Texas Instruments LM34_16 Datasheet HTML 4Page - Texas Instruments LM34_16 Datasheet HTML 5Page - Texas Instruments LM34_16 Datasheet HTML 6Page - Texas Instruments LM34_16 Datasheet HTML 7Page - Texas Instruments LM34_16 Datasheet HTML 8Page - Texas Instruments LM34_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
+V
S
V
OUT GND
+V
S
V
OUT
GND
N.C.
N.C.
N.C.
N.C.
N.C.
1
2
3
4
8
7
6
5
+V
S
V
OUT
GND
t
LM34
www.ti.com
SNIS161D – MARCH 2000 – REVISED JANUARY 2016
5 Pin Configuration and Functions
NDV Package
3-PIn TO-46
(Bottom View)
Case is connected to negative pin (GND)
D Package
8-PIn SO8
(Top View)
N.C. = No connection
LP Package
3-Pin TO-92
(Bottom View)
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
TO46/NDV
TO92/LP
SO8/D
+VS
8
POWER
Positive power supply pin
VOUT
1
O
Temperature Sensor Analog Output
GND
4
GND
Device ground pin, connect to power supply negative terminal
2
3
N.C.
5
No Connection
6
7
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM34


同様の部品番号 - LM34_16

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3401 NSC-LM3401 Datasheet
387Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
logo
Texas Instruments
LM3401 TI-LM3401 Datasheet
1Mb / 27P
[Old version datasheet]   LM3401 Hysteretic PFET Controller for High Power LED Drive
LM3401 TI1-LM3401 Datasheet
549Kb / 23P
[Old version datasheet]   Hysteretic PFET Controller for High Power LED Drive
LM3401 TI1-LM3401 Datasheet
1Mb / 27P
[Old version datasheet]   Hysteretic PFET Controller for High Power LED Drive
logo
National Semiconductor ...
LM3401 NSC-LM3401 Datasheet
401Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
More results

同様の説明 - LM34_16

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM34C NSC-LM34C Datasheet
242Kb / 10P
   Precision Fahrenheit Temperature Sensors
LM34 NSC-LM34 Datasheet
248Kb / 12P
   Precision Fahrenheit Temperature Sensors
LM34 NSC-LM34_00 Datasheet
254Kb / 12P
   Precision Fahrenheit Temperature Sensors
logo
Texas Instruments
LM34 TI1-LM34 Datasheet
508Kb / 23P
[Old version datasheet]   Precision Fahrenheit Temperature Sensors
LM34 TI-LM34_15 Datasheet
307Kb / 19P
[Old version datasheet]   LM34 Precision Fahrenheit Temperature Sensors
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
   Precision Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135_08 Datasheet
574Kb / 16P
   Precision temperature sensors
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
   Precision Temperature Sensors
logo
Riedon Powertron
RTDW1N1001 RIEDON-RTDW1N1001 Datasheet
255Kb / 1P
   Precision Wirewound Temperature Sensors
201907_002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com