データシートサーチシステム |
|
LM120 データシート(PDF) 3 Page - Texas Instruments |
|
LM120 データシート(HTML) 3 Page - Texas Instruments |
3 / 22 page LM120, LM320-N www.ti.com SNVS756C – APRIL 1998 – REVISED APRIL 2013 LM120H-5.0 ELECTRICAL CHARACTERISTICS (1) Metal Can Package Order Numbers LM120H-5.0 (TO) Units Design Output Current (ID) 0.5A Device Dissipation (PD) 2W Parameter Conditions (2) Min Typ Max Output Voltage TJ = 25°C, VIN =10V, −5.1 −5 −4.9 V ILOAD = 5 mA Line Regulation TJ = 25°C, ILOAD = 5 mA, 10 25 mV VMIN ≤ VIN ≤ VMAX Input Voltage −25 −7 V Ripple Rejection f = 120 Hz 54 64 dB Load Regulation, TJ = 25°C, VIN = 10V, 30 50 mV (3) 5 mA ≤ ILOAD ≤ ID Output Voltage, −7.5V ≤ VIN ≤ VMAX, −5.20 −4.80 V (4) 5 mA ≤ ILOAD ≤ ID, P ≤ PD Quiescent Current VMIN ≤ VIN ≤ VMAX 1 2 mA Quiescent Current TJ = 25°C Change VMIN ≤ VIN ≤ VMAX 0.05 0.4 mA 5 mA ≤ ILOAD ≤ ID 0.04 0.4 mA Output Noise Voltage TA = 25°C, CL = 1 μF, IL = 5 mA, 150 μV VIN = 10V, 10 Hz ≤ f ≤ 100 kHz Long Term Stability 5 mV Thermal Resistance Junction to Case (5) °C/W Junction to Ambient (5) °C/W (1) For −5V 3 amp regulators, see LM145 data sheet. (2) This specification applies over −55°C ≤ TJ ≤ +150°C for the LM120 and 0°C ≤ TJ ≤ +125°C for the LM320-N. (3) Regulation is measured at constant junction temperature. Changes in output voltage due to heating effects must be taken into account separately. To ensure constant junction temperature, low duty cycle, pulse testing is used. The LM120/LM320-N series does have low thermal feedback, improving line and load regulation. On all other tests, even though power dissipation is internally limited, electrical specifications apply only up to PD. (4) This specification applies over −55°C ≤ TJ ≤ +150°C for the LM120 and 0°C ≤ TJ ≤ +125°C for the LM320-N. (5) Thermal resistance of typically 85°C/W (in 400 linear feet air flow), 224°C/W (in static air) junction to ambient, of typically 21°C/W junction to case. ABSOLUTE MAXIMUM RATINGS −12 VOLT REGULATORS (1) (2) Power Dissipation Internally Limited Input Voltage −35V Input-Output Voltage Differential 30V Junction Temperatures (3) Storage Temperature Range −65°C to +150°C Lead Temperature (Soldering, 10 sec.) 300°C (1) Refer to RETS120H-12 drawing for LM120H-12 or RETS120-12K drawing for LM120K-12 military specifications. (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and specifications. (3) This specification applies over −55°C ≤ TJ ≤ +150°C for the LM120 and 0°C ≤ TJ ≤ +125°C for the LM320-N. Copyright © 1998–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM120 LM320-N |
同様の部品番号 - LM120_16 |
|
同様の説明 - LM120_16 |