データシートサーチシステム |
|
LM120 データシート(PDF) 4 Page - Texas Instruments |
|
LM120 データシート(HTML) 4 Page - Texas Instruments |
4 / 22 page LM120, LM320-N SNVS756C – APRIL 1998 – REVISED APRIL 2013 www.ti.com LM120K-12 ELECTRICAL CHARACTERISTICS Metal Can Package Order Numbers Units LM120K-12 (TO-3) Design Output Current (ID) 1A Device Dissipation (PD) 20W Parameter Conditions (1) Min Typ Max Output Voltage TJ = 25°C, VIN = 17V, −12.3 −12 −11.7 V ILOAD = 5 mA Line Regulation TJ = 25°C, ILOAD = 5 mA, 4 10 mV VMIN ≤ VIN ≤ VMAX Input Voltage −32 −14 V Ripple Rejection f = 120 Hz 56 80 dB Load Regulation, TJ = 25°C, VIN = 17V, 30 80 mV (2) 5 mA ≤ ILOAD ≤ ID Output Voltage, 14.5V ≤ VIN ≤ VMAX, −12.5 −11.5 V (3) 5 mA ≤ ILOAD ≤ ID, P ≤ PD Quiescent Current VMIN ≤ VIN ≤ VMAX 2 4 mA Quiescent Current TJ = 25°C Change VMIN ≤ VIN ≤ VMAX 0.1 0.4 mA 5 mA ≤ ILOAD ≤ ID 0.1 0.4 mA Output Noise Voltage TA = 25°C, CL = 1 μF, IL = 5 mA, 400 μV VIN = 17V, 10 Hz ≤ f ≤ 100 kHz Long Term Stability 12 120 mV Thermal Resistance Junction to Case 3 °C/W Junction to Ambient 35 °C/W (1) This specification applies over −55°C ≤ TJ ≤ +150°C for the LM120 and 0°C ≤ TJ ≤ +125°C for the LM320-N. (2) Regulation is measured at constant junction temperature. Changes in output voltage due to heating effects must be taken into account separately. To ensure constant junction temperature, low duty cycle, pulse testing is used. The LM120/LM320-N series does have low thermal feedback, improving line and load regulation. On all other tests, even though power dissipation is internally limited, electrical specifications apply only up to PD. (3) This specification applies over −55°C ≤ TJ ≤ +150°C for the LM120 and 0°C ≤ TJ ≤ +125°C for the LM320-N. LM120H-12 ELECTRICAL CHARACTERISTICS Metal Can Package Order Numbers LM120H-12 (TO) Units Design Output Current (ID) 0.2A Device Dissipation (PD) 2W Parameter Conditions (1) Min Typ Max Output Voltage TJ = 25°C, VIN = 17V, −12.3 −12 −11.7 V ILOAD = 5 mA Line Regulation TJ = 25°C, ILOAD = 5 mA, 4 10 mV VMIN ≤ VIN ≤ VMAX Input Voltage −32 −14 V Ripple Rejection f = 120 Hz 56 80 dB Load Regulation, TJ = 25°C, VIN = 17V, 10 25 mV (1) This specification applies over −55°C ≤ TJ ≤ +150°C for the LM120 and 0°C ≤ TJ ≤ +125°C for the LM320-N. 4 Submit Documentation Feedback Copyright © 1998–2013, Texas Instruments Incorporated Product Folder Links: LM120 LM320-N |
同様の部品番号 - LM120_16 |
|
同様の説明 - LM120_16 |