データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSB43AA82I データシート(PDF) 11 Page - Texas Instruments

部品番号 TSB43AA82I
部品情報  1394 INTEGRATED PHY AND LINK LAYER CONTROLLER
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TSB43AA82I データシート(HTML) 11 Page - Texas Instruments

Back Button TSB43AA82I Datasheet HTML 7Page - Texas Instruments TSB43AA82I Datasheet HTML 8Page - Texas Instruments TSB43AA82I Datasheet HTML 9Page - Texas Instruments TSB43AA82I Datasheet HTML 10Page - Texas Instruments TSB43AA82I Datasheet HTML 11Page - Texas Instruments TSB43AA82I Datasheet HTML 12Page - Texas Instruments TSB43AA82I Datasheet HTML 13Page - Texas Instruments TSB43AA82I Datasheet HTML 14Page - Texas Instruments TSB43AA82I Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 146 page
background image
1−1
1 Introduction
1.1
Features
IEEE 1394a-2000 Compliant
Single 3.3-V Supply
Internal 1.8-V Circuit to Reduce Power Consumption
Integrated 400-Mbps Two-Port Physical Layer (PHY)
Internal Voltage Regulator
IEEE 1394 Related Functions:
Automated Read Response for ConfigROM Register Access
Automated Single Retry Protocol and Split Transaction Control
SBP-2 Related Functions:
Supports Four Initiators by Automated Transactions and More Can Be Supported Through Firmware.
Automated Management ORB Fetching
Automated Linked Command ORB Fetching
Automated PageTable Fetching
Automated Status Block Transmit
Ability to Support Direct Print Protocol (DPP) Mode
Data Transfers:
Auto Address Increment of Direct/Indirect Addressing on Data Transfer (Packetizer)
Automated Header Insert/Strip for DMA Data Transfers
8-/16-Bit Asynchronous and Synchronous DMA I/F With Handshake and Burst Mode
Supports ATAPI (Ultra-DMA) Mode and SCSI Mode
8-/16-Bit Data/Address Multiplex Microcontroller and 8-/16-Bit Separated Data/Address Bus
Three FIFO Configurations That Support High Performance for the DMA and for Command Exchanges
Asynchronous Command FIFO: 1512 Bytes
Config ROM/LOG FIFO:
504 Bytes
DMA FIFO:
4728 Bytes
Multiple Package Options:
PGE Dual 1394 Port Package, 144-Terminal Plastic Quad Flatpack
GGW Commercial Dual 1394 Port Package, 176-Terminal BGA
GGW Industrial Dual 1394 Port Package (TSB43AA82I), 176-Terminal BGA With Operational Range
From −40
°C to 85°C


同様の部品番号 - TSB43AA82I

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSB43AA82A TI-TSB43AA82A Datasheet
741Kb / 147P
[Old version datasheet]   1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB43AA82A TI1-TSB43AA82A Datasheet
74Kb / 7P
[Old version datasheet]   (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB43AA82AI TI-TSB43AA82AI Datasheet
741Kb / 147P
[Old version datasheet]   1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB43AA82AI TI1-TSB43AA82AI Datasheet
74Kb / 7P
[Old version datasheet]   (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB43AA82AIPGE TI-TSB43AA82AIPGE Datasheet
741Kb / 147P
[Old version datasheet]   1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
More results

同様の説明 - TSB43AA82I

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSB43AA82GGW TI1-TSB43AA82GGW Datasheet
108Kb / 5P
[Old version datasheet]   (iShynx II) 1394 Integrated PHY and Link-Layer Controller
TSB43AA82A TI-TSB43AA82A Datasheet
741Kb / 147P
[Old version datasheet]   1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB43AA82A TI1-TSB43AA82A_14 Datasheet
74Kb / 7P
[Old version datasheet]   (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
logo
NXP Semiconductors
PDI1394L11 PHILIPS-PDI1394L11 Datasheet
294Kb / 46P
   1394 AV link layer controller
1997 Oct 21
logo
Texas Instruments
TSB43AB22A TI-TSB43AB22A Datasheet
518Kb / 112P
[Old version datasheet]   INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AA22 TI-TSB43AA22 Datasheet
442Kb / 100P
[Old version datasheet]   INTEGRATED 1394A 2000 OHCI PHY LINK LAYER CONTROLLER
TSB43AB22A TI-TSB43AB22A_09 Datasheet
522Kb / 113P
[Old version datasheet]   INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB21A TI-TSB43AB21A Datasheet
557Kb / 116P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AB22 TI1-TSB43AB22_14 Datasheet
99Kb / 7P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com