データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3243 データシート(PDF) 6 Page - Texas Instruments

部品番号 LM3243
部品情報  High-Current Step-Down Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3243 データシート(HTML) 6 Page - Texas Instruments

Back Button LM3243_16 Datasheet HTML 2Page - Texas Instruments LM3243_16 Datasheet HTML 3Page - Texas Instruments LM3243_16 Datasheet HTML 4Page - Texas Instruments LM3243_16 Datasheet HTML 5Page - Texas Instruments LM3243_16 Datasheet HTML 6Page - Texas Instruments LM3243_16 Datasheet HTML 7Page - Texas Instruments LM3243_16 Datasheet HTML 8Page - Texas Instruments LM3243_16 Datasheet HTML 9Page - Texas Instruments LM3243_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LM3243
SNVS782C – OCTOBER 2010 – REVISED AUGUST 2015
www.ti.com
6.6 System Characteristics
The following spec table entries are specified by design and verifications providing the component values in the Typical
System Application Diagram are used (L = 1.5 µH, DCR = 120 m
Ω, TOKO DFE201610C-1R5N, CIN = 10 µF, 6.3 V, 0402,
Samsung CL05A106MQ5NUN, COUT = 10 µF + 4.7 µF + 3 × 1 µF + 3300 pF: 6.3 V, 0402, Samsung CL05A106MQ5NUN,
CL05A475MQNRN; 6.3 V, 0201 Samsung CL03A105MQ3CSN; 6.3 V, 01005 Murata GRM022R60J332K). These parameters
are not verified by production testing. Minimum (MIN) and maximum (MAX) values are specified over the ambient
temperature range TA = −30°C to 90°C. Typical (TYP) values are specified at PVIN = VDD = EN = 3.8 V, BP = 0 V and TA =
25°C unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCON = 1.5 V
Total dropout resistance in
Rtot_drop
Max value at VIN = 3.1 V
45
55
m
bypass mode
Inductor ESR
≤ 151 mΩ
Pin input capacitance for BP,
CIN
Test frequency = 100 KHz
5
pF
EN, MODE
Maximum load current in
IOUT
Switcher + ACB
2.5
PWM mode
Maximum output transient
IOUT, PU
3
A
pullup current limit
Switcher + ACB(1)
PWM maximum output
IOUT, PD, PWM
−3
transient pulldown current limit
Maximum output load current
VIN = 3.8 V, VCON < 1
IOUT, MAX-PFM
85
mA
in PFM mode
MODE = HIGH(1)
−3%
3%
Linearity in control range of
VIN = 4.2 V
(2)
Linearity
VCON = 0.16 V to 1.44 V
Monotonic in nature
−50
50
mV
VIN = 3.8 V, VOUT = 1.8 V
IOUT = 10 mA
79%
82%
MODE = HIGH (PFM)
VIN = 3.8 V, VOUT = 0.5 V
IOUT = 5 mA
58%
60%
MODE = HIGH (PFM)
VIN = 3.8 V, VOUT = 3.5 V
IOUT = 1900 mA
89%
92%
MODE = LOW (PWM)
η
Efficiency
VIN = 3.8 V, VOUT = 2.5 V
IOUT = 250 mA
90%
93%
MODE = LOW (PWM)
VIN = 3.8 V, VOUT = 1.6 V
IOUT = 130 mA
83%
86%
MODE = LOW (PWM)
VIN = 3.8 V, VOUT = 1 V
IOUT = 400 mA
81%
84%
MODE = LOW (PWM)
VIN = 0.4 V to 3.6 V
Ripple voltage at no pulse
VOUT = 0.4 V to 3.6 V,
1
3
skipping condition
ROUT = 1.9 Ω
(3)
MODE = LOW
Ripple voltage at pulse
VIN = 5.5 V to dropout, VOUT = 3.6 V,
8
skipping condition
ROUT = 1.9 Ω
(3)
VRIPPLE
mVpp
VIN = 3.2 V, VOUT < 1.125 V
50
IOUT =10 mA, MODE = HIGH
PFM ripple voltage
VIN = 3.2 V, VOUT ≤ 0.5 V,
IOUT = 5 mA
50
MODE = HIGH
VIN = 3.6 V to 4.2 V, TR = TF = 10 µs,
Line_tr
Line transient response
VOUT = 1 V
50
mVpk
IOUT = 600 mA, MODE = LOW
(1)
Current limit is built-in, fixed, and not adjustable.
(2)
Linearity limits are ±3% or ±50 mV, whichever is larger.
(3)
Ripple voltage should be measured at COUT electrode on a well-designed PC board and using the suggested inductor and capacitors.
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM3243


同様の部品番号 - LM3243_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
More results

同様の説明 - LM3243_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3253 TI1-LM3253_16 Datasheet
990Kb / 25P
[Old version datasheet]   High-Current Step-Down Converter
logo
Linear Technology
LTC3877 LINER-LTC3877 Datasheet
1Mb / 18P
   High Current Step-Down Converter
logo
Maxim Integrated Produc...
MAX16984A MAXIM-MAX16984A_V01 Datasheet
1Mb / 49P
   Automotive High-Current Step-Down Converter
2021
logo
Linear Technology
LTC7851 LINER-LTC7851 Datasheet
925Kb / 20P
   High Output Current 4-Phase Step-Down Converter
LTC3807EFE LINER-LTC3807EFE Datasheet
436Kb / 6P
   Low Quiescent Current, High Voltage Step-Down Converter
logo
ELMOS Semiconductor AG
E522.10 ELMOS-E522.10 Datasheet
192Kb / 2P
   LOW QUIESCENT CURRENT STEP DOWN CONVERTER
logo
Monolithic Power System...
EV2312-Q-00A MPS-EV2312-Q-00A Datasheet
430Kb / 7P
   24V, High Current Synchronous Step-down Converter Evaluation Board
EV8765-Q-00A MPS-EV8765-Q-00A Datasheet
663Kb / 9P
   24V, High Current Synchronous Step-down Converter Evaluation Board
logo
Texas Instruments
TPS65263-Q1 TI1-TPS65263-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com