データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3253 データシート(PDF) 10 Page - Texas Instruments

部品番号 LM3253
部品情報  High-Current Step-Down Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3253 データシート(HTML) 10 Page - Texas Instruments

Back Button LM3253_16 Datasheet HTML 6Page - Texas Instruments LM3253_16 Datasheet HTML 7Page - Texas Instruments LM3253_16 Datasheet HTML 8Page - Texas Instruments LM3253_16 Datasheet HTML 9Page - Texas Instruments LM3253_16 Datasheet HTML 10Page - Texas Instruments LM3253_16 Datasheet HTML 11Page - Texas Instruments LM3253_16 Datasheet HTML 12Page - Texas Instruments LM3253_16 Datasheet HTML 13Page - Texas Instruments LM3253_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
20 s/DIV
IOUT
2V/DIV
1A/DIV
VCON
2V/DIV
VOUT
20 s/DIV
5 mV/DIV
VOUT
50 mA/DIV
IOUT
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
2
4
6
8
10
12
INPUT VOLTAGE (V)
20 s/DIV
IOUT
2V/DIV
500 mA/DIV
VCON
2V/DIV
VOUT
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2.50
2.55
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
INPUT VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
210
220
230
240
250
260
270
280
290
INPUT VOLTAGE (V)
LM3253
SNVS791Q – FEBRUARY 2012 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Center-Switching Frequency vs. Supply Voltage
Quiescent Current (PFM) vs. Supply Voltage
VOUT = 2.5V, IOUT = 700mA, VIN = 3.8V
VOUT = 1V, 2.7V < VIN< 5.5V (No Load)
Figure 8.
Figure 9.
Quiescent Current (PWM) vs. Supply Voltage
VCON Transient (3G/4G)
VOUT = 2.5V, 2.7V < VIN< 5.5V (No Load)
VOUT = 0V to 3V, RLOAD = 6.8Ω, VIN = 3.8V
Figure 10.
Figure 11.
VCON Transient (2G)
Load Transient in PFM Mode
VOUT = 1.4V to 3.4V, RLOAD = 1.9Ω, VIN = 4.2V
VOUT = 1V, IOUT = 0mA to 60mA, VIN = 3.6V
Figure 12.
Figure 13.
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM3253


同様の部品番号 - LM3253_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI-LM3253_15 Datasheet
946Kb / 25P
[Old version datasheet]   LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
More results

同様の説明 - LM3253_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3243 TI1-LM3243_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Current Step-Down Converter
REVISED AUGUST 2015
logo
Linear Technology
LTC3877 LINER-LTC3877 Datasheet
1Mb / 18P
   High Current Step-Down Converter
logo
Maxim Integrated Produc...
MAX16984A MAXIM-MAX16984A_V01 Datasheet
1Mb / 49P
   Automotive High-Current Step-Down Converter
2021
logo
Linear Technology
LTC7851 LINER-LTC7851 Datasheet
925Kb / 20P
   High Output Current 4-Phase Step-Down Converter
LTC3807EFE LINER-LTC3807EFE Datasheet
436Kb / 6P
   Low Quiescent Current, High Voltage Step-Down Converter
logo
ELMOS Semiconductor AG
E522.10 ELMOS-E522.10 Datasheet
192Kb / 2P
   LOW QUIESCENT CURRENT STEP DOWN CONVERTER
logo
Monolithic Power System...
EV2312-Q-00A MPS-EV2312-Q-00A Datasheet
430Kb / 7P
   24V, High Current Synchronous Step-down Converter Evaluation Board
EV8765-Q-00A MPS-EV8765-Q-00A Datasheet
663Kb / 9P
   24V, High Current Synchronous Step-down Converter Evaluation Board
logo
Texas Instruments
TPS65263-Q1 TI1-TPS65263-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com