データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317LIDRG4 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM317LIDRG4
部品情報  3-Terminal Adjustable Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM317LIDRG4 データシート(HTML) 11 Page - Texas Instruments

Back Button LM317LIDRG4 Datasheet HTML 7Page - Texas Instruments LM317LIDRG4 Datasheet HTML 8Page - Texas Instruments LM317LIDRG4 Datasheet HTML 9Page - Texas Instruments LM317LIDRG4 Datasheet HTML 10Page - Texas Instruments LM317LIDRG4 Datasheet HTML 11Page - Texas Instruments LM317LIDRG4 Datasheet HTML 12Page - Texas Instruments LM317LIDRG4 Datasheet HTML 13Page - Texas Instruments LM317LIDRG4 Datasheet HTML 14Page - Texas Instruments LM317LIDRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
R1 =
470 Ω
R2 = 5.1 kΩ
C1 = 25 µF
2N2905
R3 = 50 kΩ
1N4002
VO = 15 V
VI
LM317L
Adjustment
Output
Input
R3 = 240 Ω
VI
C1 = 0.1 µF
C2 = 1 µF
Output
Adjust
VO
R2 = 1.5 kΩ
R1 = 470 Ω
LM317L
R4 = 2 kΩ
Adjustment
Output
Input
LM317L
Adjustment
Output
Input
LM317L
www.ti.com
SLCS144E – JULY 2004 – REVISED OCTOBER 2014
General Configurations (continued)
9.3.4 Tracking Preregulator Circuit
The tracking preregulator circuit application keeps a constant voltage across the second LM317L in the circuit.
Figure 6. Tracking Preregulator Circuit
9.3.5 Slow-Turn On 15-V Regulator Circuit
The capacitor C1, in combination with the PNP transistor, helps the circuit to slowly start supplying voltage. In the
beginning, the capacitor is not charged. Therefore, output voltage will start at 1.9 V, as determined by
Equation 5. As the capacitor voltage rises, VOUT will rise at the same rate. When the output voltage reaches the
value determined by R1 and R2, the PNP will be turned off.
VC1 + VBE + 1.25 V = 0 V + 0.65 V + 1.25 V = 1.9 V
(5)
Figure 7. Slow-Turn On 15-V Regulator Circuit
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM317L


同様の部品番号 - LM317LIDRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM317LIDR TI1-LM317LIDR Datasheet
936Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

同様の説明 - LM317LIDRG4

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com