データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC05-24D15 データシート(PDF) 2 Page - Astrodyne Corporation

部品番号 FDC05-24D15
部品情報  Isolated and Regulated 5 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ASTRODYNE [Astrodyne Corporation]
ホームページ  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FDC05-24D15 データシート(HTML) 2 Page - Astrodyne Corporation

  FDC05-24D15 Datasheet HTML 1Page - Astrodyne Corporation FDC05-24D15 Datasheet HTML 2Page - Astrodyne Corporation FDC05-24D15 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolated and Regulated 5 WATT Modular DC/DC Converters
FDC05 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Ranges:
12 VDC Nominal
9-18 VDC
24 VDC Nominal
18-36 VDC
48 VDC Nominal
36-72 VDC
Input Filter
Pi Type
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation
singles: +/- 0.2%
25% - FL
duals: +/-1%
Line Regulation
+/- 0.2%
Temperature Coefficient
+/-0.02%/DegC
Ripple/Noise(Single/Dual)
75mV Pk-Pk, typ
Voltage Stability
+/- 2%
Transient Response Recovery
microSeconds
Single, 25% Load Step Change 200
Dual, FL-50% +/-1% Error
200
Short Circuit Protection
Continuous, self-recovering
Voltage Balance, Dual
+/-1%
GENERAL SPECIFICATIONS
Input-Out Isolation
1600VDC
Isolation Resistance
10000 M Ohms
In/Out Capacitance
1000 pF
Efficiency
80%, typ
Switching Frequency
300Khz
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-25 to +71 DegC(FL)
Storage Temperature
-55 to +125 DegC *
Maximum Case Temp
110 DegC *
MTBF
3.1 MHrs
MIL-HDBK-217F TA=25C FL
PHYSICAL SPECIFICATIONS
Case Material
Nickel-Coated Copper
Non-Conductive Base
Construction
Fully Encapsulated
Weight
0.9 oz, (26g)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted


同様の部品番号 - FDC05-24D15

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FDC05-24D15 ETC1-FDC05-24D15 Datasheet
94Kb / 2P
   5 WATTS OUTPUT POWER
logo
Astrodyne Corporation
FDC05-24D15 ASTRODYNE-FDC05-24D15 Datasheet
368Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC05-24D15 P-DUKE-FDC05-24D15 Datasheet
210Kb / 2P
   5 WATTS OUTPUT POWER
FDC05-24D15 P-DUKE-FDC05-24D15 Datasheet
393Kb / 2P
   5 WATTS DC-DC CONVERTER
logo
List of Unclassifed Man...
FDC05-24D15W ETC1-FDC05-24D15W Datasheet
94Kb / 2P
   5 WATTS OUTPUT POWER
More results

同様の説明 - FDC05-24D15

メーカー部品番号データシート部品情報
logo
Astrodyne Corporation
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
SB05 ASTRODYNE-SB05_16 Datasheet
388Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05 Datasheet
412Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
SB05 ASTRODYNE-SB05 Datasheet
177Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05_16 Datasheet
149Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
FDC05 ASTRODYNE-FDC05 Datasheet
368Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD06 ASTRODYNE-ASD06 Datasheet
732Kb / 3P
   Isolated and Regulated 5-6 WATT Modular DC/DC Converters
ASD06 ASTRODYNE-ASD06_16 Datasheet
192Kb / 3P
   Isolated and Regulated 5-6 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com