データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCM1804RGERG4 データシート(PDF) 6 Page - Texas Instruments

部品番号 CDCM1804RGERG4
部品情報  1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CDCM1804RGERG4 データシート(HTML) 6 Page - Texas Instruments

Back Button CDCM1804RGERG4 Datasheet HTML 2Page - Texas Instruments CDCM1804RGERG4 Datasheet HTML 3Page - Texas Instruments CDCM1804RGERG4 Datasheet HTML 4Page - Texas Instruments CDCM1804RGERG4 Datasheet HTML 5Page - Texas Instruments CDCM1804RGERG4 Datasheet HTML 6Page - Texas Instruments CDCM1804RGERG4 Datasheet HTML 7Page - Texas Instruments CDCM1804RGERG4 Datasheet HTML 8Page - Texas Instruments CDCM1804RGERG4 Datasheet HTML 9Page - Texas Instruments CDCM1804RGERG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
LVPECL INPUT IN, IN
LVPECL OUTPUT DRIVER Y[2:0], Y[2:0]
LVPECL INPUT-TO-LVPECL OUTPUT PARAMETERS
CDCM1804
SCAS697E – JULY 2003 – REVISED MAY 2005
MIN
TYP
MAX
UNIT
VDD
Supply voltage
3
3.3
3.6
V
TA
Operating free-air temperature
–40
85
°C
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fclk
Input frequency
0
800
MHz
VCM
High-level input common mode
1
VDD – 0.3
V
Input voltage swing between IN and IN(1)
500
1300
VIN
mV
Input voltage swing between IN and IN(2)
150
1300
IIN
Input current
VI = VDD or 0 V
±10
µA
RIN
Input impedance
300
k
CI
Input capacitance at IN, IN
1
pF
(1)
Is required to maintain ac specifications
(2)
Is required to maintain device functionality
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fclk
Output frequency, see Figure 4
0
800
MHz
VOH
High-level output voltage
Termination with 50
Ω to V
DD – 2 V
VDD – 1.18
VDD – 0.81
V
VOL
Low-level output voltage
Termination with 50
Ω to V
DD – 2 V
VDD – 1.98
VDD – 1.55
V
Output voltage swing between Y and
VO
Termination with 50
Ω to V
DD – 2 V
500
mV
Y, see Figure 4.
IOZL
VDD = 3.6 V, VO = 0 V
5
Output 3-state current
µA
IOZH
VDD = 3.6 V, VO = VDD – 0.8 V
10
20% to 80% of VOUTPP, see Fig-
tr/tf
Rise and fall time
200
350
ps
ure 9.
Output skew between any LVPECL
tskpecl(o)
See Note A in Figure 8.
15
30
ps
output Y[2-0] and Y[2-0]
Crossing point-to-crossing point dis-
tDuty
Output duty-cycle distortion(1)
–50
50
ps
tortion
tsk(pp)
Part-to-part skew
Any Y, see Note B in Figure 8.
50
ps
CO
Output capacitance
VO = VDD or GND
1
pF
LOAD
Expected output load
50
(1)
For an 800-MHz signal, the 50-ps error would result in a duty-cycle distortion of
±4% when driven by an ideal clock input signal.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVPECL INPUT-TO-LVPECL OUTPUT PARAMETER
tpd(lh)
Propagation delay rising edge
VOX to VOX
320
600
ps
tpd(hl)
Propagation delay falling edge
VOX to VOX
320
600
ps
tsk(p)
LVPECL pulse skew
VOX to VOX, see Note C in Fig-
100
ps
ure 8.
6


同様の部品番号 - CDCM1804RGERG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCM1804RGERG4 TI1-CDCM1804RGERG4 Datasheet
623Kb / 27P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
More results

同様の説明 - CDCM1804RGERG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCM1804 TI1-CDCM1804_17 Datasheet
623Kb / 27P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
CDCM1802 TI-CDCM1802 Datasheet
695Kb / 22P
[Old version datasheet]   CLOCK BUFFER WITH PROGRAMMABLE DIVIDER, LVPECL I/O ADDITIONAL LVCMOS OUTPUT
CDCM1802 TI1-CDCM1802_15 Datasheet
1Mb / 30P
[Old version datasheet]   CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O Additional LVCMOS Output
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803 TI1-CDCP1803_13 Datasheet
932Kb / 25P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER
logo
Motorola, Inc
MC100ES6226 MOTOROLA-MC100ES6226 Datasheet
282Kb / 12P
   2.5/3.3V Differential LVPECL 1:9 Clock Distribution Buffer and Clock Divider
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
logo
Integrated Device Techn...
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com