データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74276DW データシート(PDF) 9 Page - Texas Instruments

部品番号 SN74276DW
部品情報  QUADRUPLE J-K FLIP-FLOPS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74276DW データシート(HTML) 9 Page - Texas Instruments

Back Button SN74276DW Datasheet HTML 2Page - Texas Instruments SN74276DW Datasheet HTML 3Page - Texas Instruments SN74276DW Datasheet HTML 4Page - Texas Instruments SN74276DW Datasheet HTML 5Page - Texas Instruments SN74276DW Datasheet HTML 6Page - Texas Instruments SN74276DW Datasheet HTML 7Page - Texas Instruments SN74276DW Datasheet HTML 8Page - Texas Instruments SN74276DW Datasheet HTML 9Page - Texas Instruments SN74276DW Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(9.3)
18X (1.27)
20X (0.6)
20X (2)
4220724/A 05/2016
SOIC - 2.65 mm max height
DW0020A
SOIC
NOTES: (continued)
8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
9. Board assembly site may have different recommendations for stencil design.
SYMM
SYMM
1
10
11
20
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE:6X


同様の部品番号 - SN74276DW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74276 TI-SN74276 Datasheet
171Kb / 5P
[Old version datasheet]   QUADRUPLE J-K FLIP-FLOPS
SN74276N TI-SN74276N Datasheet
171Kb / 5P
[Old version datasheet]   QUADRUPLE J-K FLIP-FLOPS
More results

同様の説明 - SN74276DW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54276 TI-SN54276 Datasheet
171Kb / 5P
[Old version datasheet]   QUADRUPLE J-K FLIP-FLOPS
SN54376 TI1-SN54376_10 Datasheet
276Kb / 6P
[Old version datasheet]   QUADRUPLE J-K FLIP-FLOPS
SN54376 TI-SN54376 Datasheet
111Kb / 3P
[Old version datasheet]   QUADRUPLE J-K FLIP-FLOPS
logo
Aeroflex Circuit Techno...
UT54ACS109E AEROFLEX-UT54ACS109E Datasheet
146Kb / 10P
   Dual J-K Flip-Flops
logo
Hitachi Semiconductor
HD74HC113 HITACHI-HD74HC113 Datasheet
52Kb / 8P
   Dual J-K Flip-Flops (with Preset)
logo
STMicroelectronics
HCC4095B STMICROELECTRONICS-HCC4095B Datasheet
295Kb / 13P
   GATE J-K MASTER-SLAVE FLIP-FLOPS
logo
Texas Instruments
SN54107 TI-SN54107 Datasheet
493Kb / 12P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
SN5473 TI1-SN5473_15 Datasheet
872Kb / 17P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
logo
Aeroflex Circuit Techno...
UT54ACS109 AEROFLEX-UT54ACS109 Datasheet
55Kb / 6P
   Radiation-Hardened Dual J-K Flip-Flops
logo
Texas Instruments
SN74HC73D TI1-SN74HC73D Datasheet
123Kb / 4P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com