データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS1034LUA データシート(PDF) 4 Page - SEC Electronics Inc.

部品番号 SS1034LUA
部品情報  Unipolar Hall-Effect Digital Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECELECTRONICS [SEC Electronics Inc.]
ホームページ  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1034LUA データシート(HTML) 4 Page - SEC Electronics Inc.

  SS1034LUA Datasheet HTML 1Page - SEC Electronics Inc. SS1034LUA Datasheet HTML 2Page - SEC Electronics Inc. SS1034LUA Datasheet HTML 3Page - SEC Electronics Inc. SS1034LUA Datasheet HTML 4Page - SEC Electronics Inc. SS1034LUA Datasheet HTML 5Page - SEC Electronics Inc. SS1034LUA Datasheet HTML 6Page - SEC Electronics Inc. SS1034LUA Datasheet HTML 7Page - SEC Electronics Inc. SS1034LUA Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SS1034
Unipolar Hall-Effect Digital Switch
4
V3.10
Nov 1, 2013
General Electrical Specifications
DC Operating Parameters TA = 25°C, VDD= 4.5V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
4.5
24
V
Supply Current
IDD
B < BRP
4
5
7
mA
Output Saturation Voltage
VDSon
IOUT = 20mA, B > BOP
0.3
0.5
V
Output Leakage Current
IOFF
B < BRP VOUT = 24V
0.1
10
µA
Output Rise Time
tr
RL = 820Ω, CL = 20pF
0.04
2.0
µs
Output Fall Time
tf
RL = 820Ω, CL = 20pF
0.18
2.0
µs
Magnetic Specifications
DC Operating Parameters VDD = 4.5V to 24V (unless otherwise specified)
Package
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
UA
Operating Point
BOP
Ta=25°C,Vdd=12V DC
70
85
100
G
Release Point
BRP
20
40
70
G
Hysteresis
BHYST
45
G
SO
Operating Point
BOP
Ta=25°C,Vdd=12V DC
-100
-85
-70
G
Release Point
BRP
-70
-40
-20
G
Hysteresis
BHYST
45
G
Output Behavior versus Magnetic Pole
DC Operating Parameters TA = -40°C to 150°C, VDD = 4.5V to 24V (unless otherwise specified)
Test Conditions (UA)
Test Conditions (SO)
OUT
B < BRP
B > BRP
High
B > BOP
B < BOP
Low
The SOT-23 device is reversed from the UA package. The SOT-23 output transistor will be turned on(drops low) in the presence of a
sufficiently strong North pole magnetic field applied to the marked face.


同様の部品番号 - SS1034LUA

メーカー部品番号データシート部品情報
logo
Microdiode Electronics ...
SS103 CHENDA-SS103 Datasheet
836Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS103 YFWDIODE-SS103 Datasheet
1Mb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
SS103 YIXIN-SS103 Datasheet
237Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
RFE international
SS103 RFE-SS103 Datasheet
1Mb / 3P
   Schottky Barrier Rectifiers
10-26-2022
logo
Diotech Company.
SS1030 DIOTECH-SS1030 Datasheet
613Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

同様の説明 - SS1034LUA

メーカー部品番号データシート部品情報
logo
SEC Electronics Inc.
S3144 SECELECTRONICS-S3144_13 Datasheet
235Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS118_1311 SECELECTRONICS-SS118_1311 Datasheet
178Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS441_1311 SECELECTRONICS-SS441_1311 Datasheet
181Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS657_1311 SECELECTRONICS-SS657_1311 Datasheet
200Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS443 SECELECTRONICS-SS443 Datasheet
182Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS1103 SECELECTRONICS-SS1103 Datasheet
163Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS3144 SECELECTRONICS-SS3144 Datasheet
183Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS189 SECELECTRONICS-SS189 Datasheet
210Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS118 SECELECTRONICS-SS118_13 Datasheet
182Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS133 SECELECTRONICS-SS133_14 Datasheet
234Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS129 SECELECTRONICS-SS129 Datasheet
231Kb / 5P
   Unipolar Hall-Effect Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com