データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM158QML データシート(PDF) 6 Page - Texas Instruments

部品番号 LM158QML
部品情報  Low Power Dual Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM158QML データシート(HTML) 6 Page - Texas Instruments

Back Button LM158QML_16 Datasheet HTML 2Page - Texas Instruments LM158QML_16 Datasheet HTML 3Page - Texas Instruments LM158QML_16 Datasheet HTML 4Page - Texas Instruments LM158QML_16 Datasheet HTML 5Page - Texas Instruments LM158QML_16 Datasheet HTML 6Page - Texas Instruments LM158QML_16 Datasheet HTML 7Page - Texas Instruments LM158QML_16 Datasheet HTML 8Page - Texas Instruments LM158QML_16 Datasheet HTML 9Page - Texas Instruments LM158QML_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LM158QML
SNOSAP3F – JULY 2005 – REVISED MARCH 2013
www.ti.com
LM158A Electrical Characteristics
SMD 5962–8771002, High Dose Rate DC Parameters
The following conditions apply, unless otherwise specified.
All voltages referenced to device ground.
Sub-
Parameter
Test Conditions
Notes
Min
Max
Units
groups
ICC
Power Supply Current
+VCC = 5V, RL = 100K,
1.2
mA
1, 2, 3
VO = 1.4V
+VCC = 30V, RL = 100K,
3.0
mA
1
VO = 1.4V
4.0
mA
2, 3
VOH
Output Voltage High
+VCC = 30V, RL = 2KΩ
26
V
1, 2, 3
+VCC = 30V, RL = 10KΩ
27
V
1, 2, 3
VOL
Output Voltage Low
+VCC = 30V, RL = 10KΩ
40
mV
1
100
mV
2, 3
+VCC = 30V, ISink = 1µA
40
mV
1
100
mV
2, 3
+VCC = 5V, RL = 10KΩ
40
mV
1
100
mV
2, 3
ISink
Output Sink Current
+VCC = 15V, VO = 200mV,
12
µA
1
+VI = 0V, -VI = +65mV
+VCC = 15V, VO = 2V,
10
mA
1
+VI = 0V, -VI = +65mV
5.0
mA
2, 3
ISource
Output Source Current
+VCC = 15V, VO = 2V,
-20
mA
1
+VI = 0V, -VI = -65mV
-10
mA
2, 3
IOS
Short Circuit Current
+VCC = 5V, VO = 0V
-60
mA
1
VIO
Input Offset Voltage
+VCC = 30V, VCM = 0V,
-2.0
2.0
mV
1
RS = 50Ω, VO = 1.4V
-4.0
4.0
mV
2, 3
+VCC = 30V, VCM = 28.5V,
-2.0
2.0
mV
1
RS = 50Ω, VO = 1.4V
+VCC = 30V, VCM = 28V,
-4.0
4.0
mV
2, 3
RS = 50Ω, VO = 1.4V
+VCC = 5V, VCM = 0V,
-2.0
2.0
mV
1
RS = 50Ω, VO = 1.4V
-4.0
4.0
mV
2, 3
CMRR
Common Mode Rejection Ratio
+VCC = 30V, RS = 50Ω
70
dB
1
VI = 0V to 28.5V,
±IIB
Input BIas Current
+VCC = 5V, VCM = 0V
See(1)
-50
-1.0
nA
1
See(1)
-100
-1.0
nA
2, 3
IIO
Input Offset Current
+VCC = 5V, VCM = 0V
-10
10
nA
1
-30
30
nA
2, 3
PSRR
Power Supply Rejection Ratio
+VCC = 5V to 30V,
65
dB
1
VCM = 0V
VCM
Common Mode Voltage Range
+VCC = 30V
See(2) (3)
28.5
V
1
See(2) (3)
28.0
V
2, 3
VDiff
Differential Input Voltage
See (4)
32
V
1, 2, 3
AVS
Large Signal Gain
+VCC = 15V, RL = 2KΩ,
50
V/mV
4
VO = 1V to 11V
25
V/mV
5, 6
(1)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the input lines.
(2)
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at 25°C). The
upper end of the common-mode voltage range is V+
−1.5V (at 25°C), but either or both inputs can go to +32V without damage,
independent of the magnitude of V+.
(3)
Specified by input offset voltage.
(4)
Specified parameter not tested.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM158QML


同様の部品番号 - LM158QML_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM158QML TI1-LM158QML_13 Datasheet
1,012Kb / 30P
[Old version datasheet]   Low Power Dual Operational Amplifiers
More results

同様の説明 - LM158QML_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com