データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM150QML データシート(PDF) 3 Page - Texas Instruments

部品番号 LM150QML
部品情報  3-Amp Adjustable Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM150QML データシート(HTML) 3 Page - Texas Instruments

  LM150QML Datasheet HTML 1Page - Texas Instruments LM150QML Datasheet HTML 2Page - Texas Instruments LM150QML Datasheet HTML 3Page - Texas Instruments LM150QML Datasheet HTML 4Page - Texas Instruments LM150QML Datasheet HTML 5Page - Texas Instruments LM150QML Datasheet HTML 6Page - Texas Instruments LM150QML Datasheet HTML 7Page - Texas Instruments LM150QML Datasheet HTML 8Page - Texas Instruments LM150QML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
OBSOLETE
LM150QML
www.ti.com
SNVS383B – MARCH 2006 – REVISED APRIL 2013
Absolute Maximum Ratings
(1)
Power Dissipation(2)
Internally Limited
Input-Output Voltage Differential
+35V
Storage Temperature
−65°C ≤ TA ≤ +150°C
Lead Temperature (Soldering, 10 sec.)
300°C
ESD Tolerance
TBD
Operating Temperature Range
−55°C ≤ TA ≤ +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The specified specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax - TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
Quality Conformance Inspection
Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp °C
1
Static tests at
25
2
Static tests at
125
3
Static tests at
-55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
-55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
-55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
-55
12
Settling time at
25
13
Settling time at
125
14
Settling time at
-55
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM150QML


同様の部品番号 - LM150QML

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM150QML TI1-LM150QML Datasheet
722Kb / 22P
[Old version datasheet]   LM150QML 3-Amp Adjustable Regulators
More results

同様の説明 - LM150QML

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM150 TI1-LM150_16 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
logo
National Semiconductor ...
LM150 NSC-LM150 Datasheet
408Kb / 14P
   3-Amp Adjustable Regulators
logo
Texas Instruments
LM150 TI1-LM150_17 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150QML TI1-LM150QML Datasheet
722Kb / 22P
[Old version datasheet]   LM150QML 3-Amp Adjustable Regulators
LM350-N TI-LM350-N Datasheet
2Mb / 21P
[Old version datasheet]   LM150/LM350A/LM350 3-Amp Adjustable Regulators
LM138 TI1-LM138_16 Datasheet
2Mb / 23P
[Old version datasheet]   5-Amp Adjustable Regulators
LM338-MIL TI1-LM338-MIL Datasheet
2Mb / 28P
[Old version datasheet]   5-Amp Adjustable Regulators
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
   5-Amp Adjustable Regulators
logo
Texas Instruments
LM138 TI1-LM138 Datasheet
883Kb / 20P
[Old version datasheet]   5-Amp Adjustable Regulators
PT6300 TI-PT6300 Datasheet
188Kb / 8P
[Old version datasheet]   3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com