データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM120KG-12MD8 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM120KG-12MD8
部品情報  Series 3-Terminal Negative Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM120KG-12MD8 データシート(HTML) 10 Page - Texas Instruments

Back Button LM120KG-12MD8 Datasheet HTML 6Page - Texas Instruments LM120KG-12MD8 Datasheet HTML 7Page - Texas Instruments LM120KG-12MD8 Datasheet HTML 8Page - Texas Instruments LM120KG-12MD8 Datasheet HTML 9Page - Texas Instruments LM120KG-12MD8 Datasheet HTML 10Page - Texas Instruments LM120KG-12MD8 Datasheet HTML 11Page - Texas Instruments LM120KG-12MD8 Datasheet HTML 12Page - Texas Instruments LM120KG-12MD8 Datasheet HTML 13Page - Texas Instruments LM120KG-12MD8 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LM120QML
SNVS368A – DECEMBER 2010 – REVISED APRIL 2013
www.ti.com
TYPICAL APPLICATIONS
Lead and line regulation — 0.01% temperature stability — 0.2%
†Determines Zener current.
††Solid tantalum.
An LM120-12 or LM120-15 may be used to permit higher input voltages, but the regulated output voltage must be at
least
−15V when using the LM120-12 and −18V for the LM120-15.
**Select resistors to set output voltage. 2 ppm/°C tracking suggested.
Figure 16. High Stability 1 Amp Regulator
* Resistor tolerance of R1 and R2 determine matching of (+) and (
−) inputs.
**Necessary only if raw supply capacitors are more than 3
″ from regulators
An LM3086N array may substitute for Q1, D1 and D2 for better stability and tracking. In the array diode transistors Q5
and Q4 (in parallel) make up D2; similarly, Q1 and Q2 become D1 and Q3 replaces the 2N2222.
Figure 17. Wide Range Tracking Regulator
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM120QML


同様の部品番号 - LM120KG-12MD8

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM120K-12 NSC-LM120K-12 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
LM120K-12/883 NSC-LM120K-12/883 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
logo
Texas Instruments
LM120K-12/883 TI1-LM120K-12/883 Datasheet
550Kb / 16P
[Old version datasheet]   LM120QML Series 3-Terminal Negative Regulators
logo
National Semiconductor ...
LM120K-15 NSC-LM120K-15 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
LM120K-15/883 NSC-LM120K-15/883 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
More results

同様の説明 - LM120KG-12MD8

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM120 TI1-LM120_16 Datasheet
1Mb / 22P
[Old version datasheet]   Series 3-Terminal Negative Regulators
logo
National Semiconductor ...
LM120 NSC-LM120 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
logo
Texas Instruments
LM79L05 TI-LM79L05_15 Datasheet
943Kb / 17P
[Old version datasheet]   Series 3-Terminal Negative Regulators
logo
National Semiconductor ...
LM79M05C NSC-LM79M05C Datasheet
211Kb / 8P
   3-Terminal Negative Regulators
LM320L NSC-LM320L_06 Datasheet
615Kb / 8P
   3-Terminal Negative Regulators
LM320L NSC-LM320L Datasheet
210Kb / 8P
   3-Terminal Negative Regulators
logo
Texas Instruments
LM79M05 TI1-LM79M05_13 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Negative Regulators
logo
National Semiconductor ...
LM320L NSC-LM320L_03 Datasheet
209Kb / 8P
   3-Terminal Negative Regulators
LM7905C NSC-LM7905C Datasheet
167Kb / 10P
   LM79XX Series 3-Terminal Negative Regulators
logo
Texas Instruments
LM7915CT TI-LM7915CT Datasheet
1Mb / 13P
[Old version datasheet]   LM79XX Series 3-Terminal Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com