データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM120KG-15MD8 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM120KG-15MD8
部品情報  Series 3-Terminal Negative Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM120KG-15MD8 データシート(HTML) 4 Page - Texas Instruments

  LM120KG-15MD8 Datasheet HTML 1Page - Texas Instruments LM120KG-15MD8 Datasheet HTML 2Page - Texas Instruments LM120KG-15MD8 Datasheet HTML 3Page - Texas Instruments LM120KG-15MD8 Datasheet HTML 4Page - Texas Instruments LM120KG-15MD8 Datasheet HTML 5Page - Texas Instruments LM120KG-15MD8 Datasheet HTML 6Page - Texas Instruments LM120KG-15MD8 Datasheet HTML 7Page - Texas Instruments LM120KG-15MD8 Datasheet HTML 8Page - Texas Instruments LM120KG-15MD8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LM120QML
SNVS368A – DECEMBER 2010 – REVISED APRIL 2013
www.ti.com
Table 2. QUALITY CONFORMANCE INSPECTION
Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp (°C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
12
Settling time at
+25
13
Settling time at
+125
14
Settling time at
-55
LM120H-5.0 DC PARAMETERS
The following conditions apply, unless otherwise specified.
VIN = −10V, IL = 5mA
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VIN = -7V
2.0
mA
1, 2, 3
IQ
Quiescent Current
VIN = -25V
2.0
mA
1, 2, 3
-0.4
0.4
mA
1
5mA
≤ IL ≤ 0.5A
-0.5
0.5
mA
2, 3
ΔIQ
Quiescent Current Change
-0.4
0.4
mA
1
-25V
≤ VIN ≤ -7V
-0.5
0.5
mA
2, 3
-5.1
-4.9
V
1
VIN = -7.5V
-5.2
-4.8
V
1, 2, 3
VOUT
Output Voltage
VIN = -7.5V, IL = 0.5A
-5.2
-4.8
V
1, 2, 3
VIN = -25V
-5.2
-4.8
V
1, 2, 3
VIN = -25V, IL = 100mA
-5.2
-4.8
V
1, 2, 3
-25
25
mV
1
RLine
Line Regulation
-25V
≤ VIN ≤ -7V
-50
50
mV
2, 3
-50
50
mV
1
RLoad
Load Regulation
5mA
≤ IL ≤ 0.5A
-100
100
mV
2, 3
IOS
Short Circuit Current
VIN = -25V
0.1
1.5
A
1
RR
Ripple Rejection
ƒ = 120Hz, IL = 125mA, eI = 1VRMS
54
dB
4
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM120QML


同様の部品番号 - LM120KG-15MD8

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM120K-12 NSC-LM120K-12 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
LM120K-12/883 NSC-LM120K-12/883 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
logo
Texas Instruments
LM120K-12/883 TI1-LM120K-12/883 Datasheet
550Kb / 16P
[Old version datasheet]   LM120QML Series 3-Terminal Negative Regulators
logo
National Semiconductor ...
LM120K-15 NSC-LM120K-15 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
LM120K-15/883 NSC-LM120K-15/883 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
More results

同様の説明 - LM120KG-15MD8

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM120 TI1-LM120_16 Datasheet
1Mb / 22P
[Old version datasheet]   Series 3-Terminal Negative Regulators
logo
National Semiconductor ...
LM120 NSC-LM120 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
logo
Texas Instruments
LM79L05 TI-LM79L05_15 Datasheet
943Kb / 17P
[Old version datasheet]   Series 3-Terminal Negative Regulators
logo
National Semiconductor ...
LM79M05C NSC-LM79M05C Datasheet
211Kb / 8P
   3-Terminal Negative Regulators
LM320L NSC-LM320L_06 Datasheet
615Kb / 8P
   3-Terminal Negative Regulators
LM320L NSC-LM320L Datasheet
210Kb / 8P
   3-Terminal Negative Regulators
logo
Texas Instruments
LM79M05 TI1-LM79M05_13 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Negative Regulators
logo
National Semiconductor ...
LM320L NSC-LM320L_03 Datasheet
209Kb / 8P
   3-Terminal Negative Regulators
LM7905C NSC-LM7905C Datasheet
167Kb / 10P
   LM79XX Series 3-Terminal Negative Regulators
logo
Texas Instruments
LM7915CT TI-LM7915CT Datasheet
1Mb / 13P
[Old version datasheet]   LM79XX Series 3-Terminal Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com