データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3406 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3406
部品情報  Constant Current, Buck Regulator for Driving High Power LEDs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3406 データシート(HTML) 9 Page - Texas Instruments

Back Button LM3406 Datasheet HTML 5Page - Texas Instruments LM3406 Datasheet HTML 6Page - Texas Instruments LM3406 Datasheet HTML 7Page - Texas Instruments LM3406 Datasheet HTML 8Page - Texas Instruments LM3406 Datasheet HTML 9Page - Texas Instruments LM3406 Datasheet HTML 10Page - Texas Instruments LM3406 Datasheet HTML 11Page - Texas Instruments LM3406 Datasheet HTML 12Page - Texas Instruments LM3406 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LM3406/06HV
CS
VSNS
IF
RSNS
IF
+
-
One-shot
VO
VF
VF
LED 1
LED n
0.2V
+
-
COMP
tON = 1 x 10
-11 x R
ON x
VO
VIN
LM3406, LM3406HV, LM3406HV-Q1
www.ti.com
SNVS512E – SEPTEMBER 2008 – REVISED MARCH 2014
8 APPLICATION INFORMATION
8.1 THEORY OF OPERATION
The LM3406, LM3406HV and LM3406HV-Q1 are buck regulators with a wide input voltage range, low voltage
reference, and a fast output enable/disable function. These features combine to make them ideal for use as a
constant current source for LEDs with forward currents as high as 1.5A. The controlled on-time (COT)
architecture uses a comparator and a one-shot on-timer that varies inversely with input and output voltage
instead of a fixed clock. The LM3406 family also employs an integrator circuit that averages the output current.
When the converter runs in continuous conduction mode (CCM) the controlled on-time maintains a constant
switching frequency over changes in both input and output voltage. These features combine to give the LM3406
family an accurate output current, fast transient response, and constant switching frequency over a wide range of
conditions.
8.2 CONTROLLED ON-TIME OVERVIEW
shows a simplified version of the feedback system used to control the current through an array of LEDs. A
differential voltage signal, VSNS, is created as the LED current flows through the current setting resistor, RSNS.
VSNS is fed back by the CS pin, where it is integrated and compared against an error amplifier-generated
reference. The error amplifier is a transconductance (Gm) amplifier which adjusts the voltage on COMP to
maintain a 200 mV average at the CS pin. The on-comparator turns on the power MOSFET when VSNS falls
below the reference created by the Gm amp. The power MOSFET conducts for a controlled on-time, tON, set by
an external resistor, RON, the input voltage, VIN and the output voltage, VO. On-time can be estimated by the
following simplified equation (for the most accurate version of this expression see the Appendix):
(1)
At the conclusion of tON the power MOSFET turns off and must remain off for a minimum of 230 ns. Once this
tOFF-MIN is complete the CS comparator compares the integrated VSNS and reference again, waiting to begin the
next cycle.
Comparator and One-Shot
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3406 LM3406HV LM3406HV-Q1


同様の部品番号 - LM3406

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Cystech Electonics Corp...
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
   DC-to-DC Converter Control Circuit
logo
National Semiconductor ...
LM3406HV NSC-LM3406HV Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results

同様の説明 - LM3406

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_13 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com