データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3407 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3407
部品情報  Constant Current Output Floating Buck Switching Converter for High Power LEDs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3407 データシート(HTML) 1 Page - Texas Instruments

  LM3407 Datasheet HTML 1Page - Texas Instruments LM3407 Datasheet HTML 2Page - Texas Instruments LM3407 Datasheet HTML 3Page - Texas Instruments LM3407 Datasheet HTML 4Page - Texas Instruments LM3407 Datasheet HTML 5Page - Texas Instruments LM3407 Datasheet HTML 6Page - Texas Instruments LM3407 Datasheet HTML 7Page - Texas Instruments LM3407 Datasheet HTML 8Page - Texas Instruments LM3407 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM3407
www.ti.com
SNVS553B – JANUARY 2008 – REVISED MAY 2013
350 mA, Constant Current Output Floating Buck Switching Converter for High Power
LEDs
Check for Samples: LM3407
1
FEATURES
DESCRIPTION
The LM3407 is a constant current output floating
2
Input operating range 4.5V to 30V
buck
switching
converter
designed
to
provide
Output voltage range: 0.1VIN to 0.9VIN
constant current to high power LEDs. The device is
Accurate constant current output
ideal for automotive, industrial and general lighting
applications. The LM3407 has an integrated power N-
Independent device enable (CMOS compatible)
MOSFET that makes the application solution compact
and PWM dimming control
and simple to implement. An external 1% thick-film
Converter switching frequency adjustable from
resistor allows the converter output voltage to adjust
300 kHz to 1 MHz
as needed to deliver constant current within 10%
No external control loop compensation
accuracy to a serially connected LED string of varying
number and type. Converter switching frequency is
required
adjustable from 300 kHz to 1 MHz. The LM3407
Supports ceramic and low ESR output
features a dimming input to enable LED brightness
capacitors
control
by
Pulse
Width
Modulation
(PWM).
Input Under Voltage Lock Out (UVLO)
Additionally, a separate enable pin allows for low
power
shutdown.
An
exposed
pad
MSOP-8
Thermal shutdown protection
PowerPAD
package
provides
excellent
heat
MSOP-8 PowerPAD Package
dissipation and thermal performance. Input UVLO
and output open-circuit protection ensure a robust
APPLICATIONS
LED driver solution.
LED Driver
Constant Current Source
Automotive Lighting
General Illumination
Industrial Lighting
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM3407

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3407 NSC-LM3407 Datasheet
373Kb / 16P
   350 mA, Constant Current Output Floating Buck Switching Converter for High Power LEDs
LM3407 NSC-LM3407 Datasheet
387Kb / 16P
   350 mA, Constant Current Output Floating Buck Switching Converter for High Power LEDs
logo
Texas Instruments
LM3407 TI1-LM3407 Datasheet
370Kb / 18P
[Old version datasheet]   LM3407 350 mA, Constant Current Output Floating Buck Switching Converter
LM3407 TI1-LM3407 Datasheet
427Kb / 13P
[Old version datasheet]   Evaluation Board Reference Design
logo
Shanghai Leiditech Elec...
LM3407 LEIDITECH-LM3407 Datasheet
512Kb / 3P
   P-Channel Enhancement-ModeMOS FETs
More results

同様の説明 - LM3407

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3407 NSC-LM3407 Datasheet
373Kb / 16P
   350 mA, Constant Current Output Floating Buck Switching Converter for High Power LEDs
LM3407 NSC-LM3407_09 Datasheet
387Kb / 16P
   350 mA, Constant Current Output Floating Buck Switching Converter for High Power LEDs
logo
Texas Instruments
LM3407 TI1-LM3407_11 Datasheet
370Kb / 18P
[Old version datasheet]   LM3407 350 mA, Constant Current Output Floating Buck Switching Converter
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com