データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3420 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3420
部品情報  8.4-V Li-Ion Battery Charge Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3420 データシート(HTML) 5 Page - Texas Instruments

  LM3420 Datasheet HTML 1Page - Texas Instruments LM3420 Datasheet HTML 2Page - Texas Instruments LM3420 Datasheet HTML 3Page - Texas Instruments LM3420 Datasheet HTML 4Page - Texas Instruments LM3420 Datasheet HTML 5Page - Texas Instruments LM3420 Datasheet HTML 6Page - Texas Instruments LM3420 Datasheet HTML 7Page - Texas Instruments LM3420 Datasheet HTML 8Page - Texas Instruments LM3420 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LM3420
www.ti.com
SNVS116E – MAY 1998 – REVISED DECEMBER 2014
6.5 LM3420 Electrical Characteristics
Unless otherwise specified, specifications apply over full operating temperature range and VIN = VREG, VOUT = 1.5 V.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
IOUT = 1 mA, TJ = 25°C
8.316
8.4
8.484
Regulation voltage
V
IOUT = 1 mA
8.232
8.4
8.568
VREG
IOUT = 1 mA, TJ = 25°C
–1%
1%
Regulation voltage
tolerance
IOUT = 1 mA
–2%
2%
IOUT = 1 mA, TJ = 25°C
85
125
IQ
Quiescent current
μA
IOUT = 1 mA
85
150
20
μA ≤ IOUT ≤ 1 mA, VOUT = 6 V
1
3.3
TJ = 25°C
Transconductance
20
μA ≤ IOUT ≤ 1 mA, VOUT = 6 V
0.50
3.3
Gm
mA/mV
ΔIOUT/ΔVREG
1 mA
≤ IOUT ≤ 15 mA, VOUT = 6 V
2.5
6
1 mA
≤ IOUT ≤ 15 mA, VOUT = 6 V
1.4
6
1 V
≤ VOUT ≤ VREG − 1.2V, RL = 470 Ω
(3)
450
1000
TJ = 25°C
V/V
1 V
≤ VOUT ≤ VREG − 1.3 V, RL = 470 Ω
200
1000
Voltage gain
AV
ΔVOUT/ΔVREG
1 V
≤ VOUT ≤ VREG − 1.2 V, RL = 5 kΩ
(3)
1000
3500
TJ = 25°C
V/V
1 V
≤ VOUT ≤ VREG − 1.3 V, RL = 5 kΩ
700
3500
VSAT
VIN = VREG + 100 mV
1
1.2
TJ = 25°C
Output saturation(4)
V
VIN = VREG + 100 mV
1
1.3
IL
VIN = VREG − 100 mV, VOUT = 0 V
0.1
0.5
TJ = 25°C
Output leakage current
μA
VIN = VREG − 100 mV, VOUT = 0 V
0.1
1
Rf
Internal feedback
135
181
227
k
Ω
TJ = 25°C
resistor(5)
En
Output noise voltage
IOUT = 1 mA, 10 Hz ≤ f ≤ 10 kHz
140
μVRMS
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation using
Statistical Quality Control (SQC) methods. The limits are used to calculate Averaging Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Actual test is done using equivalent current sink instead of a resistor load.
(4)
VSAT = V(IN) − VOUT, when the voltage at the IN pin is forced 100 mV above the nominal regulating voltage (VREG).
(5)
See Application and Implementation and Typical Characteristics sections for information on this resistor.
Copyright © 1998–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3420


同様の部品番号 - LM3420

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3420 NSC-LM3420 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3420 NSC-LM3420 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
logo
Shanghai Leiditech Elec...
LM3420 LEIDITECH-LM3420 Datasheet
1,009Kb / 6P
   N-Channel Enhancement Mode Power MOSFET
logo
National Semiconductor ...
LM3420-12.6 NSC-LM3420-12.6 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3420-16.8 NSC-LM3420-16.8 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
More results

同様の説明 - LM3420

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
M62244FP RENESAS-M62244FP Datasheet
239Kb / 18P
   Li-ion Battery Charge Controller IC
logo
Mitsumi Electronics, Co...
MM3658AR MITSUMI-MM3658AR Datasheet
2Mb / 22P
   Li-ion Battery Charge Control IC
logo
Bourns Electronic Solut...
MF-SVS210-0 BOURNS-MF-SVS210-0 Datasheet
188Kb / 1P
   Li-ion Battery Controller Protection
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3420-4.2 NSC-LM3420-4.2 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
logo
Shenzhen Huazhimei Semi...
HM5401 HMSEMI-HM5401 Datasheet
642Kb / 8P
   1 Li-ion/Li-polymer battery charge balance IC
logo
Microchip Technology
MCP73871 MICROCHIP-MCP73871_V01 Datasheet
1,009Kb / 36P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73871 MICROCHIP-MCP73871 Datasheet
670Kb / 38P
   Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
MCP73213 MICROCHIP-MCP73213 Datasheet
537Kb / 34P
   Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com