データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3475MF データシート(PDF) 3 Page - Texas Instruments

部品番号 LM3475MF
部品情報  Hysteretic PFET Buck Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3475MF データシート(HTML) 3 Page - Texas Instruments

  LM3475MF Datasheet HTML 1Page - Texas Instruments LM3475MF Datasheet HTML 2Page - Texas Instruments LM3475MF Datasheet HTML 3Page - Texas Instruments LM3475MF Datasheet HTML 4Page - Texas Instruments LM3475MF Datasheet HTML 5Page - Texas Instruments LM3475MF Datasheet HTML 6Page - Texas Instruments LM3475MF Datasheet HTML 7Page - Texas Instruments LM3475MF Datasheet HTML 8Page - Texas Instruments LM3475MF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
PGATE
GND
FB
VIN
1
2
3
4
5
EN
LM3475
www.ti.com
SNVS239C – OCTOBER 2004 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
FB
1
I
Feedback input. Connect to a resistor divider between the output and GND.
GND
2
G
Ground.
Enable. Pull this pin above 1.5 V (typical) for normal operation. When EN is low, the device
EN
3
O
enters shutdown mode.
VIN
4
P
Power supply input.
PGATE
5
O
Gate drive output for the external PFET.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3475


同様の部品番号 - LM3475MF

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3475MF NSC-LM3475MF Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
LM3475MFX NSC-LM3475MFX Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
More results

同様の説明 - LM3475MF

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com