データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3410-Q1 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3410-Q1
部品情報  Constant Current Boost and SEPIC LED Driver with Internal Compensation
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3410-Q1 データシート(HTML) 4 Page - Texas Instruments

  LM3410-Q1 Datasheet HTML 1Page - Texas Instruments LM3410-Q1 Datasheet HTML 2Page - Texas Instruments LM3410-Q1 Datasheet HTML 3Page - Texas Instruments LM3410-Q1 Datasheet HTML 4Page - Texas Instruments LM3410-Q1 Datasheet HTML 5Page - Texas Instruments LM3410-Q1 Datasheet HTML 6Page - Texas Instruments LM3410-Q1 Datasheet HTML 7Page - Texas Instruments LM3410-Q1 Datasheet HTML 8Page - Texas Instruments LM3410-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
LM3410, LM3410Q
SNVS541G – OCTOBER 2007 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to 125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. VIN = 5V, unless otherwise
indicated under the Conditions column.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VFB
Feedback Voltage
178
190
202
mV
ΔVFB/VIN
Feedback Voltage Line Regulation
VIN = 2.7V to 5.5V
-
0.06
-
%/V
IFB
Feedback Input Bias Current
-
0.1
1
µA
LM3410X
1200
1600
2000
FSW
Switching Frequency
kHz
LM3410Y
360
525
680
LM3410X
88
92
-
DMAX
Maximum Duty Cycle
%
LM3410Y
90
95
-
LM3410X
-
5
-
DMIN
Minimum Duty Cycle
%
LM3410Y
-
2
-
SOT-23 and MSOP-PowerPad
-
170
330
RDS(ON)
Switch On Resistance
m
WSON
190
350
ICL
Switch Current Limit
2.1
2.80
-
A
SU
Start Up Time
-
20
-
µs
LM3410X VFB = 0.25
-
7.0
11
Quiescent Current (switching)
mA
IQ
LM3410Y VFB = 0.25
-
3.4
7
Quiescent Current (shutdown)
All Options VDIM = 0V
-
80
-
nA
VIN Rising
-
2.3
2.65
UVLO
Undervoltage Lockout
V
VIN Falling
1.7
1.9
-
Shutdown Threshold Voltage
-
-
0.4
VDIM_H
V
Enable Threshold Voltage
1.8
-
-
ISW
Switch Leakage
VSW = 24V
-
1.0
-
µA
IDIM
Dimming Pin Current
Sink/Source
-
100
-
nA
WSON and MSOP-PowerPad Packages
-
80
-
Junction to Ambient
θJA
°C/W
0 LFPM Air Flow (1)
SOT-23 Package
-
118
-
WSON and MSOP-PowerPad Packages
-
18
-
θJC
Junction to Case (1)
°C/W
SOT-23 Package
-
60
-
TSD
Thermal Shutdown Temperature (2)
-
165
-
°C
(1)
Applies for packages soldered directly onto a 3” x 3” PC board with 2oz. copper on 4 layers in still air.
(2)
Thermal shutdown will occur if the junction temperature exceeds the maximum junction temperature of the device.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3410 LM3410Q


同様の部品番号 - LM3410-Q1

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3410 NSC-LM3410 Datasheet
172Kb / 6P
   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410 NSC-LM3410 Datasheet
715Kb / 32P
   PowerWise짰 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
Texas Instruments
LM3410 TI-LM3410 Datasheet
1Mb / 49P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410 TI1-LM3410 Datasheet
1Mb / 44P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410Q TI-LM3410Q Datasheet
1Mb / 49P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
More results

同様の説明 - LM3410-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3410 TI1-LM3410_14 Datasheet
1Mb / 44P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410XMF TI-LM3410XMF Datasheet
1Mb / 49P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3410 NSC-LM3410 Datasheet
172Kb / 6P
   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410 NSC-LM3410_08 Datasheet
715Kb / 32P
   PowerWise짰 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3405A NSC-LM3405A_08 Datasheet
511Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
LM3405A NSC-LM3405A Datasheet
492Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
logo
Texas Instruments
LM3405A TI1-LM3405A_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT and MSOP PowerPAD Packages
logo
Linear Technology
LTC3783 LINER-LTC3783_15 Datasheet
309Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
LTC3783 LINER-LTC3783 Datasheet
274Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
logo
Shenzhen Huazhimei Semi...
HM5305 HMSEMI-HM5305 Datasheet
423Kb / 9P
   Boost high-power LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com