データシートサーチシステム |
|
SN74ABT821A データシート(PDF) 7 Page - Texas Instruments |
|
|
SN74ABT821A データシート(HTML) 7 Page - Texas Instruments |
7 / 15 page PACKAGE OPTION ADDENDUM www.ti.com 17-Dec-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-9469101QLA ACTIVE CDIP JT 24 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9469101QL A SNJ54ABT821JT SN74ABT821ADBLE OBSOLETE SSOP DB 24 TBD Call TI Call TI -40 to 85 SN74ABT821ADBR ACTIVE SSOP DB 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 AB821A SN74ABT821ADW ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ABT821A SN74ABT821ADWG4 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ABT821A SN74ABT821ADWR ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ABT821A SN74ABT821ADWRG4 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ABT821A SNJ54ABT821JT ACTIVE CDIP JT 24 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9469101QL A SNJ54ABT821JT (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above. Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material) (3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature. |
同様の部品番号 - SN74ABT821A |
|
同様の説明 - SN74ABT821A |