データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM34930 データシート(PDF) 10 Page - Texas Instruments

部品番号 LM34930
部品情報  1A Constant On-Time Buck Switching Regulator with Intelligent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM34930 データシート(HTML) 10 Page - Texas Instruments

Back Button LM34930 Datasheet HTML 6Page - Texas Instruments LM34930 Datasheet HTML 7Page - Texas Instruments LM34930 Datasheet HTML 8Page - Texas Instruments LM34930 Datasheet HTML 9Page - Texas Instruments LM34930 Datasheet HTML 10Page - Texas Instruments LM34930 Datasheet HTML 11Page - Texas Instruments LM34930 Datasheet HTML 12Page - Texas Instruments LM34930 Datasheet HTML 13Page - Texas Instruments LM34930 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
RT =
VOUT
VIN x FS
- 65 ns
4.15 x 10
-11
(VIN - 0.8V)
x
- 0.5 k:
tON =
VIN - 0.8V
4.15 x 10
-11
x (RT + 0.5 k)
+ 65 ns
LM34930
SNVS571B – MAY 2008 – REVISED APRIL 2013
www.ti.com
Output voltage regulation requires a minimum of 25 mVp-p ripple voltage be supplied to the feedback pin (FB). In
the typical application circuit shown with the Block Diagram, ripple is generated by the inductor’s ripple current
passing through R3 in series with the output capacitor. The output ripple is passed to the FB pin by C6, avoiding
attenuation by resistors R1 and R2.
On-Time Timer
The on-time for the LM34930 is determined by the RT resistor and the input voltage (VIN), calculated from:
(5)
The inverse relationship with VIN results in a nearly constant frequency as VIN is varied. To set a specific
continuous conduction mode switching frequency (FS), the RT resistor is determined from the following:
(6)
The on-time must be chosen greater than 90 ns for proper operation. Equation 1, Equation 5, and Equation 6 are
valid only when the regulator is not in current limit. When the LM34930 operates in current limit, the on-time is
reduced by
≊50%. This feature reduces the peak inductor current which may be excessively high if the load
current and the input voltage are simultaneously high. This feature operates on a cycle-by-cycle basis until the
load current is reduced and the output voltage resumes its normal regulated value.
The maximum continuous current into the RT pin must be less than 2 mA. For high frequency applications, the
maximum switching frequency is limited at the maximum input voltage by the minimum on-time one-shot period.
At minimum input voltage the maximum switching frequency is limited by the minimum off-time one-shot period,
which may prevent achievement of the proper duty cycle.
Current Limit
Current limit detection occurs during the off-time by monitoring the recirculating diode current flowing out of the
ISEN pin. Referring to the Block Diagram, during the off-time the inductor current flows through the load, into the
GND pin, through the internal sense resistor, out of ISEN and through D1 to the inductor. If that current exceeds
the current limit threshold the current limit comparator delays the start of the next on-time period. The next on-
time starts when the current out of ISEN reduces to the threshold and the voltage at FB is below 2.52V. The
operating frequency is typically lower in the current limited condition due to longer-than-normal off-times.
The valley current limit threshold is a function of the input voltage (VIN) as shown in the graph “Current Limit
Valley Threshold vs. VIN”. This feature reduces the inductor current’s peak value at high line and load. To further
reduce the inductor’s peak current, the next on-time after current limit detection is reduced by
≊50% if the voltage
at the FB comparator is below its threshold when the inductor current falls below the current limit threshold (VOUT
is low due to current limiting).
Figure 18 illustrates the inductor current waveform during normal operation and in current limit. During the first
“Normal Operation” interval the load current is IO1, the average of the inductor current waveform. As the load
resistance is reduced, the inductor current increases until the lower peak of the inductor ripple current exceeds
the current limit threshold. During the “Current Limited” portion of Figure 18, each on-time is reduced by
≊50%,
resulting in lower ripple amplitude for the inductor’s current. During this time the LM34930 is in a constant current
mode with an average load current equal to the current limit threshold plus half the ripple current (IOCL), and the
output voltage is below the normal regulated value. Normal operation resumes when the load current is reduced
to IO2, allowing VOUT and the on-time to return to their normal values. Note that in the second period of “Normal
Operation”, even though the inductor’s peak current exceeds the current limit threshold during part of each cycle,
the circuit is not in current limit since the inductor current falls below the current limit threshold during each off
time.
The peak current allowed through the buck switch, and the ISEN pin, is 2A, and the maximum allowed average
current is 1.5A.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM34930


同様の部品番号 - LM34930

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM34930TL NSC-LM34930TL Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM34930TLX NSC-LM34930TLX Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
More results

同様の説明 - LM34930

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM2696 NSC-LM2696 Datasheet
833Kb / 19P
   3A, Constant On Time Buck Regulator
LM5009A NSC-LM5009A Datasheet
401Kb / 16P
   100V, 150 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM5008A NSC-LM5008A Datasheet
402Kb / 16P
   100V, 350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com