データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2578A データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM2578A
部品情報  Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2578A データシート(HTML) 9 Page - Texas Instruments

Back Button LM2578A Datasheet HTML 5Page - Texas Instruments LM2578A Datasheet HTML 6Page - Texas Instruments LM2578A Datasheet HTML 7Page - Texas Instruments LM2578A Datasheet HTML 8Page - Texas Instruments LM2578A Datasheet HTML 9Page - Texas Instruments LM2578A Datasheet HTML 10Page - Texas Instruments LM2578A Datasheet HTML 11Page - Texas Instruments LM2578A Datasheet HTML 12Page - Texas Instruments LM2578A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LM2578A, LM3578A
www.ti.com
SNVS767E – AUGUST 2000 – REVISED APRIL 2013
Figure 14. Value of Timing Capacitor vs Oscillator Frequency
OUTPUT TRANSISTOR
The output transistor is capable of delivering up to 750 mA with a saturation voltage of less than 0.9V. (see
Collector Saturation Voltage and Emitter Saturation Voltage curves).
The emitter must not be pulled more than 1V below ground (this limit is 0.6V for TJ ≥ 100°C). Because of this
limit, an external transistor must be used to develop negative output voltages (see the Inverting Regulator Typical
Application). Other configurations may need protection against violation of this limit (see the Emitter Output
section of the Applications Information).
CURRENT LIMIT
The LM2578A's current limit may be referenced to either the ground or the Vin pins, and operates on a cycle-by-
cycle basis.
The current limit section consists of two comparators: one with its non-inverting input referenced to a voltage
110 mV below Vin, the other with its inverting input referenced 110 mV above ground (see FUNCTIONAL
DIAGRAM). The current limit is activated whenever the current limit terminal is pulled 110 mV away from either
Vin or ground.
Applications Information
CURRENT LIMIT
As mentioned in the functional description, the current limit terminal may be referenced to either the Vin or the
ground terminal. Resistor R3 converts the current to be sensed into a voltage for current limit detection.
Figure 15. Current Limit, Ground Referred
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2578A LM3578A


同様の部品番号 - LM2578A

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2578A NSC-LM2578A Datasheet
1Mb / 18P
   Switching Regulator
LM2578A NSC-LM2578A Datasheet
1Mb / 20P
   Switching Regulator
logo
Texas Instruments
LM2578A TI-LM2578A Datasheet
1Mb / 30P
[Old version datasheet]   LM2578A/LM3578A Switching Regulator
LM2578AM TI-LM2578AM Datasheet
1Mb / 30P
[Old version datasheet]   LM2578A/LM3578A Switching Regulator
LM2578AMX TI-LM2578AMX Datasheet
1Mb / 30P
[Old version datasheet]   LM2578A/LM3578A Switching Regulator
More results

同様の説明 - LM2578A

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Texas Instruments
PT7778-3.3V TI1-PT7778-3.3V Datasheet
183Kb / 4P
[Old version datasheet]   Switching Regulator
logo
National Semiconductor ...
LM1578A NSC-LM1578A Datasheet
1Mb / 18P
   Switching Regulator
logo
Sanyo Semicon Device
LA5757TP SANYO-LA5757TP Datasheet
78Kb / 6P
   Switching Regulator
logo
National Semiconductor ...
LM3578A NSC-LM3578A Datasheet
1Mb / 20P
   Switching Regulator
logo
Sanyo Semicon Device
LA5756 SANYO-LA5756 Datasheet
125Kb / 4P
   Switching Regulator
logo
ON Semiconductor
CS5111 ONSEMI-CS5111 Datasheet
112Kb / 16P
   Switching Regulator
January, 2001 ??Rev. 9
logo
National Semiconductor ...
LM2579 NSC-LM2579 Datasheet
540Kb / 13P
   SWITCHING REGULATOR
logo
ON Semiconductor
LA5774MC ONSEMI-LA5774MC Datasheet
313Kb / 6P
   Switching Regulator
May,2013
logo
XP Power Limited
STR XPPOWER-STR Datasheet
360Kb / 4P
   Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com