データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3557 データシート(PDF) 3 Page - Texas Instruments

部品番号 LM3557
部品情報  Step-Up Converter for White LED Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3557 データシート(HTML) 3 Page - Texas Instruments

  LM3557 Datasheet HTML 1Page - Texas Instruments LM3557 Datasheet HTML 2Page - Texas Instruments LM3557 Datasheet HTML 3Page - Texas Instruments LM3557 Datasheet HTML 4Page - Texas Instruments LM3557 Datasheet HTML 5Page - Texas Instruments LM3557 Datasheet HTML 6Page - Texas Instruments LM3557 Datasheet HTML 7Page - Texas Instruments LM3557 Datasheet HTML 8Page - Texas Instruments LM3557 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LM3557
www.ti.com
SNVS338B – NOVEMBER 2004 – REVISED FEBRUARY 2013
Operating Conditions
(1) (2)
Junction Temperature (TJ) Range
−40°C to +125°C
Ambient Temperature (TA) Range
−40°C to +85°C
Supply Voltage, VIN Pin
2.7V to 7.5V
En Pin
0V to VIN +0.4V
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Electrical characteristic specifications do not
apply when operating the device outside of its rated operating conditions.
(2)
All voltages are with respect to the potential at the GND pin.
THERMAL CHARACTERISTICS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
Junction-to-Ambient Thermal
55°C/W
Resistance (
θJA), WSON Package
(1)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. See Thermal Properties for the thermal resistance. The maximum allowable power
dissipation at any ambient temperature is calculated using: PD(MAX) = (TJ(MAX) – TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature.
(2)
Junction-to-ambient thermal resistance (
θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51-7. The test board is a 4 layer FR-4 board measuring 102 mm x 76 mm x 1.6 mm with a 2 x 1 array
of thermal vias. The ground plane on the board is 50 mm x 50 mm. Thickness of copper layers are 36 µm/18 µm/18 µm/36 µm (1.5 oz/1
oz/1 oz/1.5 oz). Ambient temperature in simulation is 22°C, still air. Power dissipation is 1W. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues. For more information on these topics, please refer to
Application Note 1187: Leadless Leadframe Package (LLP) and the Layout Guidelines section of this datasheet.
Electrical Characteristics
(1) (2)
Limits in standard typeface are for TJ = 25°C. Limits in bold typeface apply over the full operating junction temperature range
(
−40°C ≤ TJ ≤ +125°C). Unless otherwise specified: VIN = 3.6V.
Parameter
Test Conditions
Min
Typ
Max
Units
VIN
Input Voltage
2.7
7.5
V
IQ
Quiescent Current
VEN = 0V (Shutdown)
0.01
2
µA
VEN = 1.8V; VOVP = 27V
0.55
0.8
mA
(Non-Switching)
En
Device Enable Threshold
Device On
0.9
0.3
V
Device Off
ICL
Power Switch Current Limit (3)
VIN = 3V
0.4
0.8
1.1
A
0.55
0.8
1.02
RDS(ON)
Power Switch ON Resistance
ISw1 = 175 mA
800
1000
m
TC (RDS(ON))
RDS(ON) Temperature Coefficient
0.5
%/C
OVP
Over-Voltage Protection (4)
On Threshold
22
26
28.5
V
Off Threshold
21.5
25.5
28
UVP
Under-Voltage Protection (4)
On Threshold
2.2
V
Off Threshold
2.3
IOVP
Over-Voltage Protection Pin Bias
4
10
µA
Current (5)
IEN
Enable Pin Bias Current (5)
VEN = 1.8V
0.8
3
µA
FS
Switching Frequency
VIN = 3V
0.9
1.25
1.6
MHz
VFb-Sw2
Feedback Pin Voltage (6)
0.459
0.51
0.561
V
IFb
Feedback Pin Bias Current (5)
0.03
2
µA
DMAX
Maximum Duty Cycle
VIN = 3V
85
90
%
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the
most likely norm.
(3)
The Power Switch Current Limit is tested in open loop configuration. For closed loop application current limit please see the Current
Limit vs Temperature performance graph.
(4)
The on threshold indicates that the LM3557 is no longer switching or regulating LED current, while the off threshold indicates normal
operation.
(5)
Current flows into the pin.
(6)
Feedback pin voltage is with respect to the voltage at the Sw2 pin.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3557


同様の部品番号 - LM3557

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3557SD-2 NSC-LM3557SD-2 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3557SD-2 NSC-LM3557SD-2 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3557SDX-2 NSC-LM3557SDX-2 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
More results

同様の説明 - LM3557

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com