データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3631 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3631
部品情報  Complete LCD Backlight and Bias Power
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3631 データシート(HTML) 9 Page - Texas Instruments

Back Button LM3631 Datasheet HTML 5Page - Texas Instruments LM3631 Datasheet HTML 6Page - Texas Instruments LM3631 Datasheet HTML 7Page - Texas Instruments LM3631 Datasheet HTML 8Page - Texas Instruments LM3631 Datasheet HTML 9Page - Texas Instruments LM3631 Datasheet HTML 10Page - Texas Instruments LM3631 Datasheet HTML 11Page - Texas Instruments LM3631 Datasheet HTML 12Page - Texas Instruments LM3631 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
LM3631
www.ti.com
SNVS834 – AUGUST 2014
Electrical Characteristics (continued)
Unless otherwise specified, limits apply over the full operating ambient temperature range (
−40°C ≤ TA ≤ 85°C), VIN = 3.6 V,
VPOS = VOREF = 5.4 V, VNEG = –5.4 V, VBST = 5.7 V, VCONT = 3.3V.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
PGFALLING
Power good decreasing
% of target VLDO_OREF
90%
IOREF_MAX
Maximum output current
50
mA
ICL_OREF
Output current limit
80
mA
VBIASBST = 5.8 V, VOREF = 5.5 V,
IRUSH_PK_OREF
Peak start-up inrush current (8)
250
mA
COREF = 10 µF
ILOAD_LDO_OREF =
VDO_OREF
LDO_OREF dropout voltage (9)
ILOAD_LDO_OREF_MAX, VLDO_OREF =
80
mV
4.0 V
F = 10 Hz to 500 kHz @ Imax/2,
Power supply rejection ratio,
PSRROREF
VBST_OUT to VLDO_OREF, 300 mV
25
dB
LDO_OREF (8)
minimum headroom
Start-up time, LDO_OREF,
COREF = 10 µF, VLDO_OREF = 5.5 V
tST_OREF
1
ms
VLDO_OREF = 10% to 90% (8)
Output pull-down resistor,
LDO_OREF pull-down enabled,
RPD_OREF
130
200
270
Ω
LDO_OREF
LDO_OREF disabled
LCD CONTROLLER SUPPLY OUTPUT (LDO_CONT)
LDO_CONT_VOUT = 00
1.8
LDO_CONT_VOUT = 01
2.3
Output voltage
V
LDO_CONT_VOUT = 10
2.8
LDO_CONT_VOUT = 11
3.3
Output accuracy
Output Voltage = 1.8 V, 1-mA load
–2%
2%
VCONT
LDO_CONT line transient response
VIN + 500 mVp-p AC Square
–50
50
mV
(8)
Wave, 100 mV/µs 200 Hz at 5 mA
LDO_CONT load transient response
5-mA to 80-mA load transient @ 2
–50
50
mV
(8)
µs TRISE/FALL
DC load regulation (8)
1 mA
≤ ILOAD_LDO_CONT ≤ 80 mA
20
mV
ICONT_MAX
Maximum output current
80
mA
ICL_CONT
Output current limit
130
mA
VDO_CONT
LDO_CONT dropout voltage (10)
ILOAD = 80 mA, VCONT = 3.3 V
80
mV
F = 10 Hz to 500 kHz @ Imax/2 VIN
Power supply rejection ratio,
PSRRLDO_CONT
to VLDO_CONT, 300-mV minimum
25
dB
LDO_CONT (11)
headroom
Start-up time, LDO_CONT, VCONT =
VCONT = 1.8 V
tST_CONT
1
ms
10% to 90% (11)
Output pull-down resistor,
LDO_CONT pull-down enabled,
RPD_CONT
200
Ω
LDO_CONT
LDO_CONT disabled
LOGIC INPUTS (PWM, NRST, LCD_EN, SCL, SDA, OTP_SEL)
VIL
Input logic low
0
0.4
V
VIH
Input logic high
1.2
VIN
V
IINPUT
Logic input current
–1
1
µA
LOGIC OUTPUTS (SDA, FLAG)
VOL
Output logic low
IOL = 3 mA
0
0.4
V
ILEAKAGE
Output leakage current
1
µA
PWM INPUT
ƒPWM_INPUT
PWM input frequency
100
20000
Hz
tMIN
Minimum PWM ON/OFF time
400
ns
tTIMEOUT
PWM timeout(11)
24
ms
(9)
VBST – VOREF when VOREF has dropped 100 mV below target.
(10) VIN – VCONT when VCONT has dropped 100 mV below target.
(11) Limits set by characterization and/or simulation only.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3631


同様の部品番号 - LM3631

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM363 NSC-LM363 Datasheet
452Kb / 22P
   LM363 Precision Instrumentation Amplifier
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI-LM3630ATME Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI1-LM3630ATME Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3630ATMX TI-LM3630ATMX Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
More results

同様の説明 - LM3631

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS65142 TI1-TPS65142 Datasheet
2Mb / 32P
[Old version datasheet]   LCD Bias Power Integrated with WLED Backlight Drivers
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36273 TI1-LM36273 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
logo
Sipex Corporation
SP7680 SIPEX-SP7680 Datasheet
450Kb / 16P
   Complete Backlight Solution
logo
Diodes Incorporated
ZXNB4202WV DIODES-ZXNB4202WV Datasheet
48Kb / 3P
   SINGLE LNB - COMPLETE BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
ZXNB4204WV DIODES-ZXNB4204WV Datasheet
52Kb / 3P
   SINGLE LNB - COMPLETE BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
ZXNB4204 DIODES-ZXNB4204 Datasheet
52Kb / 3P
   SINGLE LNB - COMPLETE BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
ZXNB4202 DIODES-ZXNB4202 Datasheet
48Kb / 3P
   SINGLE LNB - COMPLETE BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
DS32071 Rev. 2 - 5
logo
Kinetic Technologies.
KTZ8863A KINETIC-KTZ8863A Datasheet
155Kb / 2P
   High Efficiency 3-CH LED Backlight Driver with Dual LCD Bias Power
October 2020 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com