データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3646YFQR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3646YFQR
部品情報  1.5-A Synchronous Boost Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3646YFQR データシート(HTML) 1 Page - Texas Instruments

  LM3646YFQR Datasheet HTML 1Page - Texas Instruments LM3646YFQR Datasheet HTML 2Page - Texas Instruments LM3646YFQR Datasheet HTML 3Page - Texas Instruments LM3646YFQR Datasheet HTML 4Page - Texas Instruments LM3646YFQR Datasheet HTML 5Page - Texas Instruments LM3646YFQR Datasheet HTML 6Page - Texas Instruments LM3646YFQR Datasheet HTML 7Page - Texas Instruments LM3646YFQR Datasheet HTML 8Page - Texas Instruments LM3646YFQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1200
1400
1600
1800
2000
2200
2400
2600
2800
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
V
IN (V)
TA = +25ºC
TA = -40ºC
TA = +85ºC
C032
I
LED = 1.5A, VLED = 3.7V
IN
OUT
TEMP
SW
ENABLE
TORCH
TX
SDA
SCL
GND
1 2H
10 2F
10 2F
STROBE
LED2
2.7V to 5.5V
LED1
LM3646
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3646
SNVS962A – DECEMBER 2013 – REVISED NOVEMBER 2014
LM3646 1.5-A Synchronous Boost Converter With Dual High-Side Current Sources
and I2C-Compatible Interface
1 Features
3 Description
The
LM3646
utilizes
a
4-MHz
fixed-frequency
1
High-Side Current Sources Allowing for Grounded
synchronous boost converter to provide power to dual
LED Cathode for Improved Thermal Management
1.5-A constant current LED sources. The high-side
> 85% Efficiency in Torch and Flash Modes
current sources allow for grounded cathode LED
Small Solution Size < 20 mm2
operation providing flash current up to 1.5 A total. An
adaptive headroom regulation scheme ensures the
Accurate and Programmable Flash LED Current
LED currents remain in regulation and maximizes
from 24 mA to 1.5 A in 11.7-mA Steps
efficiency. The combination of dual LED driving
Accurate and Programmable Torch LED Current
capability, high LED current, small solution size and
from 2.5 mA to 187 mA in 1.5-mA Steps
high level of adjustability make the LM3646 perfect
Dual 1.5-A High-Side Current Sources for Dual
for camera phone LED flash and torch applications.
LED Drive
The LM3646 is controlled through an I2C-compatible
Hardware Flash and Torch Enables
interface. The main features of the LM3646 include: a
hardware flash enable (STROBE) input for direct
Hardware Enable Pin
triggering of the flash pulse, a hardware Torch enable
Soft-Start Operation for Battery Protection
(TORCH) for movie mode or flashlight functions, a TX
LED Thermal Sensing and Current Scale-Back
input which forces the flash pulse into a low-current
torch mode allowing for synchronization to RF power
Synchronization Input for RF Power Amplifier
amplifier events or other high-current conditions, an
Pulse Events
integrated comparator designed to monitor an NTC
VIN Flash Monitor Optimization
thermistor and provide an interrupt to the LED
1-MHz I²C-Compatible Interface
current, and a programmable input voltage monitor
I²C-Programmable NTC Trip Point
which monitors the battery voltage and can reduce
the flash current during low battery conditions. A
0.4-mm Pitch, 20-Bump DSBGA
hardware
enable
(ENABLE)
input
provides
a
hardware shutdown during system software failures.
2 Applications
The
4-MHz
switching
frequency,
overvoltage
Camera Phone LED Flash and Torch
protection, and adjustable current limit allow for the
use of tiny, low-profile inductors and (10-
μF) ceramic
capacitors. The device is available in a small 20-
bump DSBGA package and operates over the –40°C
to 85°C temperature range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM3646
DSBGA (20)
2.015 mm x 1.615 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application Circuit
System Performance
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - LM3646YFQR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3646 TI1-LM3646 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost Converter with Dual High-Side Current Sources and I2CCompatible Interface
More results

同様の説明 - LM3646YFQR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
logo
Nisshinbo Micro Devices...
RP602X NISSHINBO-RP602X Datasheet
1Mb / 29P
   1.5 A PWM/VFM Buck-Boost DC/DC Converter with Synchronous Rectifier
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com