データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM26484 データシート(PDF) 5 Page - Texas Instruments

部品番号 LM26484
部品情報  LM26484 Power Management Unit
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM26484 データシート(HTML) 5 Page - Texas Instruments

  LM26484_13 Datasheet HTML 1Page - Texas Instruments LM26484_13 Datasheet HTML 2Page - Texas Instruments LM26484_13 Datasheet HTML 3Page - Texas Instruments LM26484_13 Datasheet HTML 4Page - Texas Instruments LM26484_13 Datasheet HTML 5Page - Texas Instruments LM26484_13 Datasheet HTML 6Page - Texas Instruments LM26484_13 Datasheet HTML 7Page - Texas Instruments LM26484_13 Datasheet HTML 8Page - Texas Instruments LM26484_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM26484
www.ti.com
SNVS573F – SEPTEMBER 2008 – REVISED MARCH 2013
General Electrical Characteristics
(1)
Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the
entire junction temperature range for operation,
−40°C to +125°C.
(2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Operational Voltage Range
AVDD, AVIN
3.0
3.3
5.5
V
TSD
Thermal Shutdown
(4)
160
°C
CIN
Input Capacitor
C9 (Typ App Circuit)
10
µF
Iq
Quiescent Current “Off”
VIN = 3.3V,
0.03
1
µA
ENSW1, ENSW2, ENLDO = 0
(1)
Specified by design.Not productoin tested.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers represent the most likely norm.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 160°C (typ.) and
disengages at TJ = 130°C (typ.)
LDO Controller
Unless otherwise noted, AVDD = AVIN 3.3V, PVIN = 1.8V. Typical values and limits appearing in normal type apply for TA =
25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation,
−40°C to +125°C.
(1)
(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Operational Voltage Range
AVIN LDO internal circuits
3.0
3.3
5.5
V
VOUT
NMOS configuration
Externally configured
0.8
1.5
V
VFB
Feedback Voltage Accuracy
0.5
V
−1.5
1.5
%
−2
2
PSRR
Power Supply Ripple Rejection
F = 10 kHz, Load Current = IMAX
−30
dB
TON
Turn On Time
Start up from shut-down
500
µsec
CFB
Feedback Capacitor
C11 (Typ. App. Circuit)
12
pF
Output Capacitor
Capacitance for stability:
µF
10
22
C10, (3)
−40°C ≤ TJ ≤ 125°C
COUT
ESR (Equivalent Series
0.5
Resistance)
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers represent the most likely norm.
(3)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply ensured performance limits. For specified performance limits
and associated test conditions, see the Electrical Characteristics tables.
Buck Converters SW1, SW2
Unless otherwise noted, AVDD=AVIN=VIN1=VIN2 = 3.3V, CIN = 10 µF, COUT = 22 µF, LOUT = 0.5 µH. Buck1 is configured to
1.8V. Buck2 is configured to 1.0V. Typical values and limits appearing in normal type apply for TA = 25°C. Limits appearing in
boldface type apply over the entire junction temperature range for operation,
−40°C to +125°C.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
VIN Range
AVDD=VIN1=VIN2
3.0
3.3
5.5
V
VFB
Feedback Voltage Accuracy
0.5
−1.0
+1.0
%
−1.5
+1.5
DC Line Regulation
3.0 < VIN < 3.6
0.174
%/V
IO =1000 mA
ΔVOUT
DC Load Regulation
100 mA < IO < IMAX
0.75
%/A
fOSC
Oscillator Frequency
1.8
2.0
MHz
IPEAK
Peak Switching Current Limit
3.2
A
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers represent the most likely norm.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM26484


同様の部品番号 - LM26484_13

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM26484SQ NSC-LM26484SQ Datasheet
1Mb / 18P
   Power Management Unit
LM26484SQE NSC-LM26484SQE Datasheet
1Mb / 18P
   Power Management Unit
LM26484SQX NSC-LM26484SQX Datasheet
1Mb / 18P
   Power Management Unit
More results

同様の説明 - LM26484_13

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
logo
Texas Instruments
TPS658310 TI1-TPS658310 Datasheet
141Kb / 6P
[Old version datasheet]   Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
logo
Vaisala
PMU701 VAISALA-PMU701 Datasheet
300Kb / 3P
   Power Management Unit PMU701
logo
Infineon Technologies A...
IRPS5401 INFINEON-IRPS5401 Datasheet
1Mb / 62P
   Flexible Power Management Unit
V 2.8 2022-07-06
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com