データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IXYX40N450HV データシート(PDF) 2 Page - IXYS Corporation

部品番号 IXYX40N450HV
部品情報  Advance Technical Information
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IXYS [IXYS Corporation]
ホームページ  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYX40N450HV データシート(HTML) 2 Page - IXYS Corporation

  IXYX40N450HV Datasheet HTML 1Page - IXYS Corporation IXYX40N450HV Datasheet HTML 2Page - IXYS Corporation IXYX40N450HV Datasheet HTML 3Page - IXYS Corporation IXYX40N450HV Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions and Dimensions.
IXYX40N450HV
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fS
I
C = 40A, VCE = 10V, Note 1
18
30
S
C
ies
3550
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
146
pF
C
res
67
pF
Q
g
170
nC
Q
ge
I
C = 40A, VGE = 15V, VCE = 1000V
19
nC
Q
gc
70
nC
t
d(on)
36
ns
t
r
330
ns
t
d(off)
110
ns
t
f
1120
ns
t
d(on)
46
ns
t
r
740
ns
t
d(off)
118
ns
t
f
1010
ns
R
thJC
0.19 °C/W
R
thCS
0.15
°C/W
Resistive Switching Times, T
J = 125°C
I
C = 40A, VGE = 15V
V
CE = 960V, RG = 2
Resistive Switching Times, T
J = 25°C
I
C = 40A, VGE = 15V
V
CE = 960V, RG = 2
Note:
1. Pulse test, t < 300s, duty cycle, d < 2%.
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute
a "considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.
TO-247PLUS-HV Outline
1 - Gate
2,4 - Emitter
3 - Collector


同様の部品番号 - IXYX40N450HV

メーカー部品番号データシート部品情報
logo
IXYS Corporation
IXYX40N250CHV IXYS-IXYX40N250CHV Datasheet
203Kb / 6P
   High Voltage XPT IGBT
More results

同様の説明 - IXYX40N450HV

メーカー部品番号データシート部品情報
logo
IXYS Corporation
IXFR64N50Q3 IXYS-IXFR64N50Q3 Datasheet
147Kb / 6P
   Advance Technical Information
IXFN90N85X IXYS-IXFN90N85X Datasheet
134Kb / 5P
   Advance Technical Information
IXFT40N85XHV IXYS-IXFT40N85XHV Datasheet
264Kb / 6P
   Advance Technical Information
IXYH120N65C3 IXYS-IXYH120N65C3 Datasheet
231Kb / 6P
   Advance Technical Information
IXYF40N450 IXYS-IXYF40N450 Datasheet
184Kb / 4P
   Advance Technical Information
IXTR102N65X2 IXYS-IXTR102N65X2 Datasheet
151Kb / 5P
   Advance Technical Information
IXFK66N85X IXYS-IXFK66N85X Datasheet
202Kb / 5P
   Advance Technical Information
IXYK120N120B3 IXYS-IXYK120N120B3 Datasheet
164Kb / 2P
   Advance Technical Information
IXGR32N170H1 IXYS-IXGR32N170H1 Datasheet
528Kb / 2P
   Advance Technical Information
IXFX48N60Q3 IXYS-IXFX48N60Q3 Datasheet
132Kb / 5P
   Advance Technical Information
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com