データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSD1616A データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 KSD1616A
部品情報  Audio Frequency Power Amplifier & Medium Speed Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD1616A データシート(HTML) 3 Page - Fairchild Semiconductor

  KSD1616A Datasheet HTML 1Page - Fairchild Semiconductor KSD1616A Datasheet HTML 2Page - Fairchild Semiconductor KSD1616A Datasheet HTML 3Page - Fairchild Semiconductor KSD1616A Datasheet HTML 4Page - Fairchild Semiconductor KSD1616A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, September 2002
Typical Characteristics (Continued)
Figure 7. Current Gain Bandwidth Product
Figure 8. Safe Operating Area
Figure 9. Power Derating
0.01
0.1
1
10
1
10
100
1000
VCE = 2V
IC[mA], COLLECTOR CURRENT
1
10
100
0.01
0.1
1
10
10
m
s
PW
=1
m
s
200m
s
DC
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
200
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Ta[
oC], AMBIENT TEMPERATURE


同様の部品番号 - KSD1616A

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KSD1616A SAMSUNG-KSD1616A Datasheet
115Kb / 3P
   NPN (AUDIO FREQUENCY POWER AMPLIFIER MIDIUM SPEED SWITCHING)
logo
First Components Intern...
KSD1616A FCI-KSD1616A Datasheet
185Kb / 3P
   NPN Expitaxial Silicon Transistors
logo
Fairchild Semiconductor
KSD1616A FAIRCHILD-KSD1616A Datasheet
248Kb / 5P
   Audio Frequency Power Amplifier Medium Speed Switching
logo
Foshan Blue Rocket Elec...
KSD1616A FOSHAN-KSD1616A Datasheet
814Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
Micro Commercial Compon...
KSD1616A-G MCC-KSD1616A-G Datasheet
233Kb / 2P
   NPN Silicon Epitaxial Transistors
More results

同様の説明 - KSD1616A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KSB1116S FAIRCHILD-KSB1116S Datasheet
52Kb / 5P
   Audio Frequency Power Amplifier Medium Speed Switching
KSB1116AYTA FAIRCHILD-KSB1116AYTA Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier & Medium Speed Switching
logo
List of Unclassifed Man...
2SB1116A ETC-2SB1116A Datasheet
143Kb / 3P
   AUDIO FREQUENCY POWER AMPLIFIER MEDIUM SPEED SWITCHING
logo
Fairchild Semiconductor
KSB1116 FAIRCHILD-KSB1116 Datasheet
52Kb / 5P
   Audio Frequency Power Amplifier & Medium Speed Switching
KSD1616AGBU FAIRCHILD-KSD1616AGBU Datasheet
248Kb / 5P
   Audio Frequency Power Amplifier Medium Speed Switching
KSD1616AGTA FAIRCHILD-KSD1616AGTA Datasheet
248Kb / 5P
   Audio Frequency Power Amplifier & Medium Speed Switching
logo
NEC
2SC2654 NEC-2SC2654 Datasheet
274Kb / 4P
   Audio Frequency Power Amplifier, Medium Speed Switching
logo
List of Unclassifed Man...
2SD381 ETC-2SD381 Datasheet
45Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
logo
Toshiba Semiconductor
2SA1359 TOSHIBA-2SA1359_07 Datasheet
130Kb / 4P
   Audio Frequency Power Amplifier Low-Speed Switching
logo
First Silicon Co., Ltd
FTD882 FS-FTD882 Datasheet
120Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com