データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHC74PW データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AHC74PW
部品情報  Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC74PW データシート(HTML) 5 Page - Texas Instruments

  SN74AHC74PW Datasheet HTML 1Page - Texas Instruments SN74AHC74PW Datasheet HTML 2Page - Texas Instruments SN74AHC74PW Datasheet HTML 3Page - Texas Instruments SN74AHC74PW Datasheet HTML 4Page - Texas Instruments SN74AHC74PW Datasheet HTML 5Page - Texas Instruments SN74AHC74PW Datasheet HTML 6Page - Texas Instruments SN74AHC74PW Datasheet HTML 7Page - Texas Instruments SN74AHC74PW Datasheet HTML 8Page - Texas Instruments SN74AHC74PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SN54AHC74, SN74AHC74
www.ti.com
SCLS255K – DECEMBER 1995 – REVISED DECEMBER 2013
Switching Characteristics
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.5 V (unless otherwise noted) (see Figure 1)
–40°C to
–40°C to
TA = 25°C
SN54AHC74
85°C
125°C
FROM
TO
LOAD
PARAMETER
UNIT
SN74AHC74
SN74AHC74
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
CL = 15 pF
80(1)
125(1)
70(1)
70
70
fmax
MHz
CL = 50 pF
50
75
45
45
45
tPLH
7.6(1)
12.3(1)
1(1)
14.5(1)
1
14.5
1
14.5
PRE or CLR
Q or Q
CL = 15 pF
ns
tPHL
7.6
12.3
1(1)
14.5(1)
1
14.5
1
14.5
tPLH
6.7
11.9
1(1)
14(1)
1
14
1
14
CLK
Q or Q
CL = 15 pF
ns
tPHL
6.7
11.9
1(1)
14(1)
1
14
1
14
tPLH
10.1
15.8
1
18
1
18
1
18
PRE or CLR
Q or Q
CL = 50 pF
ns
tPHL
10.1
15.8
1
18
1
18
1
18
tPLH
9.2
15.4
1
17.5
1
17.5
1
17.5
CLK
Q or Q
CL = 50 pF
ns
tPHL
9.2
15.4
1
17.5
1
17.5
1
17.5
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
Switching Characteristics
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
–40°C to
–40°C to
TA = 25°C
SN54AHC74
85°C
125°C
FROM
TO
LOAD
PARAMETER
UNIT
SN74AHC74
SN74AHC74
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
CL = 15 pF
130(1)
170(1)
110(1)
110
110
fmax
MHz
CL = 50 pF
90
115
75
75
75
tPLH
4.8(1)
7.7(1)
1(1)
9(1)
1
9
1
9
PRE or CLR
Q or Q
CL = 15 pF
ns
tPHL
4.8(1)
7.7(1)
1(1)
9(1)
1
9
1
9
tPLH
4.6(1)
7.3(1)
1(1)
8.5(1)
1
8.5
1
8.5
CLK
Q or Q
CL = 15 pF
ns
tPHL
4.6(1)
7.3(1)
1(1)
8.5(1)
1
8.5
1
8.5
tPLH
6.3
9.7
1
11
1
11
1
11
PRE or CLR
Q or Q
CL = 50 pF
ns
tPHL
6.3
9.7
1
11
1
11
1
11
tPLH
6.1
9.3
1
10.5
1
10.5
1
10.5
CLK
Q or Q
CL = 50 pF
ns
tPHL
6.1
9.3
1
10.5
1
10.5
1
10.5
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
Noise Characteristics
VCC = 5 V, CL = 50 pF, TA = 25°C (see
(1))
SN74AHCT74
PARAMETER
UNIT
MIN
MAX
VOL(P)
Quiet output, maximum dynamic VOL
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
4.7
V
VIH(D)
High-level dynamic input voltage
3.5
V
VIL(D)
Low-level dynamic input voltage
1.5
V
(1)
Characteristics are for surface-mount packages only.
Operating Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
32
pF
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN54AHC74 SN74AHC74


同様の部品番号 - SN74AHC74PW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC74PW TI-SN74AHC74PW Datasheet
105Kb / 19P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74AHC74PW TI-SN74AHC74PW Datasheet
891Kb / 21P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74AHC74PWE4 TI-SN74AHC74PWE4 Datasheet
105Kb / 19P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74AHC74PWE4 TI-SN74AHC74PWE4 Datasheet
891Kb / 21P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74AHC74PWG4 TI-SN74AHC74PWG4 Datasheet
105Kb / 19P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
More results

同様の説明 - SN74AHC74PW

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD54AC74 TI-CD54AC74 Datasheet
330Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54AHC74 TI-SN54AHC74 Datasheet
105Kb / 19P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74HCT74A HITACHI-HD74HCT74A Datasheet
57Kb / 10P
   Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset
logo
Potato Semiconductor Co...
PO54G74A POTATO-PO54G74A Datasheet
563Kb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Texas Instruments
SN5474 TI1-SN5474_15 Datasheet
1Mb / 23P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
SN54AHC74 TI-SN54AHC74_06 Datasheet
891Kb / 21P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74LS74ADRG4 TI-SN74LS74ADRG4 Datasheet
1Mb / 21P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLIP-FLOPS WITH PRESET AND CLEAR
SN54ACT74 TI-SN54ACT74 Datasheet
86Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74LS74A HITACHI-HD74LS74A Datasheet
69Kb / 6P
   Dual D-type Positive Edge-triggered Flip-Flops(With Preset and Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com