データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHC594NSR データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AHC594NSR
部品情報  8-Bit Shift Registers With Output Registers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC594NSR データシート(HTML) 6 Page - Texas Instruments

Back Button SN74AHC594NSR Datasheet HTML 2Page - Texas Instruments SN74AHC594NSR Datasheet HTML 3Page - Texas Instruments SN74AHC594NSR Datasheet HTML 4Page - Texas Instruments SN74AHC594NSR Datasheet HTML 5Page - Texas Instruments SN74AHC594NSR Datasheet HTML 6Page - Texas Instruments SN74AHC594NSR Datasheet HTML 7Page - Texas Instruments SN74AHC594NSR Datasheet HTML 8Page - Texas Instruments SN74AHC594NSR Datasheet HTML 9Page - Texas Instruments SN74AHC594NSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SN54AHC594, SN74AHC594
SCLS423G – JUNE 1998 – REVISED JULY 2014
www.ti.com
6.6 Timing Requirements, VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 4)
TA = 25°C
SN54AHC594(1)
SN74AHC594
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
RCLK or SRCLK high or low
5.5
5.5
5.5
tw
Pulse Duration
ns
RCLR or SRCLR low
5
5
5
SER before SRCLK
3.5
3.5
3.5
SRCLK
↑ before RCLK↑(2)
8
8.5
8.5
tsu
Setup time
SRCLR low before SRCLK
8
9
9
ns
SRCLR high (inactive) before SRCLK
4.2
4.8
4.8
RCLR high (inactive) before RCLK
4.6
5.3
5.3
Hold time,
th
SER after SRCLK
1.5
1.5
1.5
ns
data after CLK
(1)
Product Preview
(2)
This setup time allows the storage register to receive stable data from the shift register. The clocks can be tied together, in which case
the shift register is one clock pulse ahead of the storage register.
6.7 Timing Requirements, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 4)
TA = 25°C
SN54AHC594(1)
SN74AHC594
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
RCLK or SRCLK high or low
5
5
5
tw
Pulse Duration
ns
RCLR or SRCLR low
5.2
5.2
5.2
SER before SRCLK
3
3
3
SRCLK
↑ before RCLK↑(2)
5
5
5
tsu
Setup time
SRCLR low before SRCLK
5
5
5
ns
SRCLR high (inactive) before SRCLK
2.9
3.3
3.3
RCLR high (inactive) before RCLK
3.2
3.7
3.7
Hold time,
th
SER after SRCLK
2
2
2
ns
data after CLK
(1)
Product Preview
(2)
This setup time allows the storage register to receive stable data from the shift register. The clocks can be tied together, in which case
the shift register is one clock pulse ahead of the storage register.
6
Submit Documentation Feedback
Copyright © 1998–2014, Texas Instruments Incorporated
Product Folder Links: SN54AHC594 SN74AHC594


同様の部品番号 - SN74AHC594NSR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC594NSR TI-SN74AHC594NSR Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHC594NSRE4 TI-SN74AHC594NSRE4 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results

同様の説明 - SN74AHC594NSR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com