データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N-P-8-1-NI-CF データシート(PDF) 4 Page - DDK Ltd.

部品番号 N-P-8-1-NI-CF
部品情報  N Style Coaxial Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DDK [DDK Ltd.]
ホームページ  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

N-P-8-1-NI-CF データシート(HTML) 4 Page - DDK Ltd.

  N-P-8-1-NI-CF Datasheet HTML 1Page - DDK Ltd. N-P-8-1-NI-CF Datasheet HTML 2Page - DDK Ltd. N-P-8-1-NI-CF Datasheet HTML 3Page - DDK Ltd. N-P-8-1-NI-CF Datasheet HTML 4Page - DDK Ltd. N-P-8-1-NI-CF Datasheet HTML 5Page - DDK Ltd. N-P-8-1-NI-CF Datasheet HTML 6Page - DDK Ltd. N-P-8-1-NI-CF Datasheet HTML 7Page - DDK Ltd. N-P-8-1-NI-CF Datasheet HTML 8Page - DDK Ltd. N-P-8-1-NI-CF Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Unit:mm
N Series
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○ Right Angle Cable Plug
4
Clamp Type
N-LP-58U
(L1)
φ21
φ21
(L1)
N-LP-8U
φ21
(47.0)
ジャック
N-J-3
N-J-5
N-J-8
N-J-10
(46)
(L)
(L)
(52.7)
N-LP-58U
(L1)
φ21
φ21
(L1)
N-LP-8U
φ21
(47.0)
ジャック
N-J-3
N-J-5
N-J-8
N-J-10
(46)
(L)
(L)
(52.7)
N-LP-58U
(L1)
φ21
φ21
(L1)
N-LP-8U
φ21
(47.0)
ジャック
N-J-3
N-J-5
N-J-8
N-J-10
(46)
(L)
(L)
(52.7)
Part Number
Applicable
Cable
φA (L1)(L2)
Finish
Assembly
Instruction
Outer
Conductor
Center
Conductor
N-LP-58U-CF
RG-58/U 5.4 52.9 36.6
Ag
Ag
N-LP-58U-Ni-CF
RG-58/U 5.4 52.9 36.6
Ni
Ag
Part Number
Applicable
Cable
φA(L1)(L2)
Finish
Assembly
Instruction
Outer
Conductor
Center
Conductor
N-LP-5-CF
5D-2V
8.6 53.0 36.6
Ag
Ag
N-LP-5-Ni-CF
5D-2V
8.6 53.0 36.6
Ni
Ag
Part Number
Applicable
Cable
Finish
Assembly
Instruction
Outer
Conductor
Center
Conductor
N-LP-8U-CF
RG-8U
Ag
Ag
RG-9/U
N-LP-8U-Ni-CF
RG-8U
Ni
Ag
RG-9/U


同様の部品番号 - N-P-8-1-NI-CF

メーカー部品番号データシート部品情報
logo
Hirose Electric
N-P-8DGXC(40) HIROSE-N-P-8DGXC(40) Datasheet
1Mb / 12P
   50 ohms wide varieties standard connectors
More results

同様の説明 - N-P-8-1-NI-CF

メーカー部品番号データシート部品情報
logo
DDK Ltd.
27CP-P-1.5-CF DDK-27CP-P-1.5-CF Datasheet
786Kb / 5P
   75 廓 SMB Style Coaxial Connector
7-16 DDK-7-16 Datasheet
727Kb / 3P
   7-16 Style Rugged Coaxial Connector
716-SP-10DWFCH-CF DDK-716-SP-10DWFCH-CF Datasheet
728Kb / 3P
   7/16 Style Rugged Coaxial Connector
logo
Huber+Suhner, Inc.
46_N-50-0-1133_N HUBERSUHNER-46_N-50-0-1133_N Datasheet
521Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, T-style, 3 jacks (female)
53_N-50-0-4133_N HUBERSUHNER-53_N-50-0-4133_N Datasheet
478Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / jack (male / female)
53_N-50-0-4133_U HUBERSUHNER-53_N-50-0-4133_U Datasheet
478Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / jack (male / female)
53_N-75-0-4133_N HUBERSUHNER-53_N-75-0-4133_N Datasheet
483Kb / 2P
   COAXIAL ADAPTER, N, 75 Ohm, L-style, plug / jack (male / female)
52_N-50-0-4133_U HUBERSUHNER-52_N-50-0-4133_U Datasheet
517Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / plug (male / male)
logo
3M Electronics
5344 3M-5344 Datasheet
34Kb / 2P
   Model 5344 & Assembly Instructions BNC (Female) Crimp Style Coaxial Connector
logo
Huber+Suhner, Inc.
43_N-50-0-1133_N HUBERSUHNER-43_N-50-0-1133_N Datasheet
490Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, T-style, 1 plug (male), 2 jacks (female)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com