データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3722 データシート(PDF) 7 Page - Texas Instruments

部品番号 LM3722
部品情報  LM3722/LM3723/LM3724 5-Pin Microprocessor Reset Circuits
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3722 データシート(HTML) 7 Page - Texas Instruments

Back Button LM3722 Datasheet HTML 3Page - Texas Instruments LM3722 Datasheet HTML 4Page - Texas Instruments LM3722 Datasheet HTML 5Page - Texas Instruments LM3722 Datasheet HTML 6Page - Texas Instruments LM3722 Datasheet HTML 7Page - Texas Instruments LM3722 Datasheet HTML 8Page - Texas Instruments LM3722 Datasheet HTML 9Page - Texas Instruments LM3722 Datasheet HTML 10Page - Texas Instruments LM3722 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LM3722, LM3723, LM3724
www.ti.com
SNVS154E – MAY 2001 – REVISED MARCH 2013
Timing Diagram
Figure 12. Timing Diagram
Circuit Information
RESET OUTPUT
The reset input of a µP initializes the device into a known state. The LM3722/LM3723/LM3724 microprocessor
voltage monitoring circuits assert a forced reset output to prevent code execution errors during power-up, power-
down, and brownout conditions.
RESET is guaranteed valid for VCC ≥ 1V. Once VCC exceeds the reset threshold, an internal timer maintains the
output for the reset timeout period. After this interval, reset goes high and the microprocessor initializes itself into
a known state. The LM3722 and LM3724 offer an active-low RESET; the LM3723 offers an active-high RESET.
As VCC drops below the reset threshold (such as during a brownout), the reset activates (see the NEGATIVE-
GOING VCC TRANSIENTS section). When VCC again rises above the reset threshold, the internal timer starts.
Reset holds until VCC exceeds the reset threshold for longer than the reset timeout period. After this time, reset
releases.
Additionally, the Manual Reset input (MR) will initiate a forced reset. See the MANUAL RESET INPUT (MR)
section.
The LM3722/LM3723/LM3724 reset outputs ignore short duration glitches on VCC and MR. See the Applications
Information section for details.
RESET THRESHOLD
The LM3722/LM3723/LM3724 are available with reset voltages of 4.63V, 3.08V, and 2.32V which are suitable for
monitoring 5.0V, 3.3V, and 2.5V supplies respectively. Other reset thresholds in the 2.20V to 5.0V range, in 10
mV steps, are available; contact Texas Instruments for details.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3722 LM3723 LM3724


同様の部品番号 - LM3722

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3722 NSC-LM3722 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
LM3722EM5-2.32 NSC-LM3722EM5-2.32 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
LM3722EM5-3.08 NSC-LM3722EM5-3.08 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
LM3722EM5-4.63 NSC-LM3722EM5-4.63 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
LM3722EM5X-2.32 NSC-LM3722EM5X-2.32 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
More results

同様の説明 - LM3722

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3722 NSC-LM3722 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809 Datasheet
174Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 3
logo
ACE Technology Co., LTD...
ACE809 ACE-ACE809 Datasheet
200Kb / 6P
   3-Pin Microprocessor Reset Circuits
VER 1.2
logo
Anachip Corp
AP1701 ANACHIP-AP1701 Datasheet
165Kb / 8P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com