データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3753 データシート(PDF) 1 Page - Texas Instruments

部品番号 LM3753
部品情報  LM3753 Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3753 データシート(HTML) 1 Page - Texas Instruments

  LM3753 Datasheet HTML 1Page - Texas Instruments LM3753 Datasheet HTML 2Page - Texas Instruments LM3753 Datasheet HTML 3Page - Texas Instruments LM3753 Datasheet HTML 4Page - Texas Instruments LM3753 Datasheet HTML 5Page - Texas Instruments LM3753 Datasheet HTML 6Page - Texas Instruments LM3753 Datasheet HTML 7Page - Texas Instruments LM3753 Datasheet HTML 8Page - Texas Instruments LM3753 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
LM3753
www.ti.com
SNVS614B – DECEMBER 2009 – REVISED MARCH 2013
LM3753 Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and
Linear Regulator Controller
Check for Samples: LM3753
1
FEATURES
APPLICATIONS
2
Wide Input Voltage Range of 4.5V to 18V
CPUs, GPUs (graphic cards), ASICs, FPGAs,
Large Memory Arrays, DDR
Up to 12 Channels for 300A Load
High Current POL Converters
System Accuracy Better Than 1%
Networking Systems
0.6V to 3.6V Output Voltage Range
Power Distribution Systems
Switching Frequency From 200 kHz to 1 MHz
Telecom/Datacom DC/DC Converters
Phase Current Sharing ±12% Max Over
Temperature
Desktops, Servers and Workstations
Integrated 4.35V ±2.3% LDO
DESCRIPTION
Inductor DCR or Sense Resistor Current
Not Recommended for New Designs — See
Sensing
LM3754
Interleaved Switching for Low I/O Ripple
The LM3753 is a full featured single-output dual-
Current
phase
voltage-mode
synchronous
PWM
buck
Integrated Synchronous NFET Drivers
controller. It can be configured to control from 2 to 12
Dedicated Tracking Function
interleaved power stages creating a single high power
output. This controller utilizes voltage-mode control
Output Voltage Differential Remote Sensing
with
input
voltage
feed-forward
for
high
noise
Minimum Controllable On-Time of Only 50 ns
immunity. An internal average current loop forces real
Programmable Enable and Input UVLO
time current sharing between phases during load
transients.
Power Good Flag
OVP, UVP and Hiccup Over-Current Protection
The LM3753 supports a Tracking function, so the
output is controlled both up and down. This allows the
output voltage to follow a system supply through the
use of the TRACK pin. Available in the 5 mm x 5 mm
thermally enhanced 32-lead WQFN package with a
thermal pad.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM3753

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3753 NSC-LM3753 Datasheet
1Mb / 38P
   Scalable 2-Phase Synchronous Buck Controllers with Integrated FET Drivers and Linear Regulator Controller
LM3753 NSC-LM3753 Datasheet
1Mb / 20P
   Evaluation Board evaluation board is designed to provide
LM3753SQ NSC-LM3753SQ Datasheet
1Mb / 38P
   Scalable 2-Phase Synchronous Buck Controllers with Integrated FET Drivers and Linear Regulator Controller
LM3753SQX NSC-LM3753SQX Datasheet
1Mb / 38P
   Scalable 2-Phase Synchronous Buck Controllers with Integrated FET Drivers and Linear Regulator Controller
LM3753 NSC-LM3753_1 Datasheet
1Mb / 20P
   Evaluation Board evaluation board is designed to provide
More results

同様の説明 - LM3753

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3754 TI-LM3754_15 Datasheet
1Mb / 47P
[Old version datasheet]   Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
logo
National Semiconductor ...
LM3753 NSC-LM3753 Datasheet
1Mb / 38P
   Scalable 2-Phase Synchronous Buck Controllers with Integrated FET Drivers and Linear Regulator Controller
logo
Texas Instruments
TPS40131 TI-TPS40131 Datasheet
1Mb / 46P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40132 TI-TPS40132_15 Datasheet
1Mb / 42P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40132 TI-TPS40132 Datasheet
1Mb / 40P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40131 TI-TPS40131_15 Datasheet
1Mb / 41P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40130DBTR TI1-TPS40130DBTR Datasheet
1Mb / 39P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40130 TI-TPS40130 Datasheet
748Kb / 10P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
logo
ON Semiconductor
NCP5383 ONSEMI-NCP5383_1 Datasheet
399Kb / 15P
   2 Phase Buck Controller with Integrated Gate Drivers and AVP
December, 2007 - Rev. 3
NCP81278 ONSEMI-NCP81278 Datasheet
199Kb / 13P
   Compact 2-Phase Synchronous Buck Controller with Integrated Gate Drivers and PWM VID Interface
May, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com