データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4550BVH データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM4550BVH
部品情報  LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec With Stereo Headphone Amplifier, Sample Rate Conversion and TI 3D Sou
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4550BVH データシート(HTML) 10 Page - Texas Instruments

Back Button LM4550BVH Datasheet HTML 6Page - Texas Instruments LM4550BVH Datasheet HTML 7Page - Texas Instruments LM4550BVH Datasheet HTML 8Page - Texas Instruments LM4550BVH Datasheet HTML 9Page - Texas Instruments LM4550BVH Datasheet HTML 10Page - Texas Instruments LM4550BVH Datasheet HTML 11Page - Texas Instruments LM4550BVH Datasheet HTML 12Page - Texas Instruments LM4550BVH Datasheet HTML 13Page - Texas Instruments LM4550BVH Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
LM4550B
SNAS276G – MAY 2005 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
The following specifications apply for AVDD = 5V, DVDD = 3.3 V, Fs = 48 kHz, single codec configuration, (primary mode)
unless otherwise noted. Limits apply for TA= 25°C. The reference for 0 dB is 1 Vrms unless otherwise specified.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP(3)
MAX(4)
UNIT
Frequency Response
–1-dB Bandwidth
20
kHz
DIGITAL TO ANALOG CONVERTERS
Resolution
18
Bits
Dynamic Range (6)
–60-dB Input THD+N, A-Weighted
82
89
dB
THD
Total Harmonic Distortion
VIN = –3 dB, f = 1 kHz, RL = 10 kΩ
0.01%
Frequency Response
20-21k
Hz
Group Delay (6)
Sample Freq. = 48 kHz
0.36
1
ms
Out of Band Energy (7)
-40
dB
Stop Band Rejection
70
dB
DT
Discrete Tones
-96
dB
ANALOG OUTPUT SECTION
AS
Step Size
0 dB to –46.5 dB
1.5
dB
AM
Mute Attenuation(6)
86
dB
Headphone Amplifier Total
Loopthrough Mode(5), RL = 32 Ω, f = 1 kHz,
THD+N
0.02%
Harmonic Distortion plus Noise Pout = 50 mW
ZOUT
Output Impedance(6)
HP_OUT_L, HP_OUT_R
0.65
2.75
ZOUT
Output Impedance(6)
LINE_OUT_L, LINE_OUT_R, MONO_OUT
220
500
DIGITAL I/O(6)
VIH
High level input voltage
0.65 x DVDD
V
0.35 x
VIL
Low level input voltage
V
DVDD
VOH
High level output voltage
IO = –2.5 mA.
0.90 x DVDD
V
0.10 x
VOL
Low level output voltage
IO = 2.5 mA.
V
DVDD
IL
Input Leakage Current
AC Link inputs
±10
µA
IL
Tri state Leakage Current
High impedance AC Link outputs
±10
µA
Cin
AC-Link I/O capacitance
SDout, BitClk, SDin, Sync, Reset# only
4
7.5
pF
IDR
Output drive current
AC Link outputs
5
mA
(7)
Out of band energy is measured from 28.8 kHz to 100 kHz relative to a 1 Vrms DAC output.
7.6 Timing Requirements
MIN NOM
MAX
UNIT
DIGITAL TIMING SPECIFICATIONS(1)
12.2
FBC
BIT_CLK frequency
MHz
88
TBCP
BIT_CLK period
81.4
ns
TCH
BIT_CLK high
Variation of BIT_CLK duty cycle from 50%
±20%
FSYNC
SYNC frequency
48
kHz
TSP
SYNC period
20.8
µs
TSH
SYNC high pulse width
1.3
µs
TSL
SYNC low pulse width
19.5
µs
TDSETUP
Setup Time for codec data input
SDATA_OUT to falling edge of BIT_CLK
10
3.5
ns
Hold time of SDATA_OUT from falling edge of
TDHOLD
Hold Time for codec data input
10
5.3
ns
BIT_CLK(1)
TSSETUP
Setup Time for codec SYNC input
SYNC to falling edge of BIT_CLK (1)
10
3.8
ns
TSHOLD
Hold Time for codec SYNC input
Hold time of SYNC from falling edge of BIT_CLK
10
ns
(1)
These specifications are ensured by design and characterization; they are not production tested.
10
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LM4550B


同様の部品番号 - LM4550BVH

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4550BVH NSC-LM4550BVH Datasheet
998Kb / 31P
   AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4550BVH TI1-LM4550BVH Datasheet
1Mb / 43P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
LM4550BVHX TI1-LM4550BVHX Datasheet
1Mb / 43P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
More results

同様の説明 - LM4550BVH

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4550B NSC-LM4550B Datasheet
998Kb / 31P
   AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
LM4550 NSC-LM4550 Datasheet
507Kb / 25P
   AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4550BVHX TI1-LM4550BVHX Datasheet
1Mb / 43P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
logo
National Semiconductor ...
LM4546A NSC-LM4546A Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4549B NSC-LM4549B Datasheet
933Kb / 28P
   AC ??7 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4546B TI1-LM4546B Datasheet
1Mb / 37P
[Old version datasheet]   LM4546B AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and Texas Instruments 3D Sound
logo
National Semiconductor ...
LM4546 NSC-LM4546_09 Datasheet
1Mb / 18P
   AC 97 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4548 TI1-LM4548 Datasheet
570Kb / 21P
[Old version datasheet]   AC 97 Rev 2 Codec with Sample Rate Conversion
logo
National Semiconductor ...
LM4549A NSC-LM4549A Datasheet
528Kb / 28P
   AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
LM4549 NSC-LM4549 Datasheet
324Kb / 18P
   AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com