データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4040AIM3X-5.0 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM4040AIM3X-5.0
部品情報  LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040AIM3X-5.0 データシート(HTML) 1 Page - Texas Instruments

  LM4040AIM3X-5.0 Datasheet HTML 1Page - Texas Instruments LM4040AIM3X-5.0 Datasheet HTML 2Page - Texas Instruments LM4040AIM3X-5.0 Datasheet HTML 3Page - Texas Instruments LM4040AIM3X-5.0 Datasheet HTML 4Page - Texas Instruments LM4040AIM3X-5.0 Datasheet HTML 5Page - Texas Instruments LM4040AIM3X-5.0 Datasheet HTML 6Page - Texas Instruments LM4040AIM3X-5.0 Datasheet HTML 7Page - Texas Instruments LM4040AIM3X-5.0 Datasheet HTML 8Page - Texas Instruments LM4040AIM3X-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
Anode
Cathode
V
DD
R
S
V
OUT
LM4040
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM4040-N, LM4040-N-Q1
SNOS633K – OCTOBER 2000 – REVISED JUNE 2016
LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
1
1 Features
1
SOT-23 AEC Q-100 Grades 1 and 3 Available
Small Packages: SOT-23, TO-92, and SC70
No Output Capacitor Required
Tolerates Capacitive Loads
Fixed Reverse Breakdown Voltages of 2.048 V,
2.5 V, 3 V, 4.096 V, 5 V, 8.192 V, and 10 V
Key Specifications (2.5-V LM4040-N)
Output Voltage Tolerance (A Grade, 25°C):
±0.1% (Maximum)
Low Output Noise (10 Hz to 10 kHz): 35
μVrms
(Typical)
Wide Operating Current Range: 60
μA to 15
mA
Industrial Temperature Range:
−40°C to +85°C
Extended Temperature Range:
−40°C to
+125°C
Low Temperature Coefficient: 100 ppm/°C
(Maximum)
2 Applications
Portable, Battery-Powered Equipment
Data Acquisition Systems
Instrumentation
Process Controls
Energy Management
Product Testing
Automotives
Precision Audio Components
3 Description
Ideal for space-critical applications, the LM4040-N
precision voltage reference is available in the sub-
miniature SC70 and SOT-23 surface-mount package.
The advanced design of the LM4040-N eliminates the
need for an external stabilizing capacitor while
ensuring stability with any capacitive load, thus
making the LM4040-N easy to use. Further reducing
design effort is the availability of several fixed reverse
breakdown voltages: 2.048 V, 2.5 V, 3 V, 4.096 V, 5
V, 8.192 V, and 10 V. The minimum operating current
increases from 60
μA for the 2.5-V LM4040-N to 100
μA for the 10-V LM4040-N. All versions have a
maximum operating current of 15 mA.
The LM4040-N uses a fuse and Zener-zap reverse
breakdown voltage trim during wafer sort to ensure
that the prime parts have an accuracy of better than
±0.1%
(A
grade)
at
25°C.
Bandgap
reference
temperature
drift
curvature
correction
and
low
dynamic
impedance
ensure
stable
reverse
breakdown voltage accuracy over a wide range of
operating temperatures and currents.
Also available is the LM4041-N with two reverse
breakdown voltage versions: adjustable and 1.2 V.
See the LM4041-N data sheet (SNOS641).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM4040-N
TO-92 (3)
4.30 mm × 4.30 mm
SC70 (5)
2.00 mm × 1.25 mm
SOT-23 (3)
2.92 mm × 1.30 mm
LM4040-N-Q1
SOT-23 (3)
2.92 mm × 1.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Shunt Reference Application Schematic


同様の部品番号 - LM4040AIM3X-5.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4040AIM3X-5.0 NSC-LM4040AIM3X-5.0 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
LM4040AIM3X-5.0 NSC-LM4040AIM3X-5.0 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040AIM3X-5.0 TI1-LM4040AIM3X-5.0 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIM3X-5.0 TI1-LM4040AIM3X-5.0 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIM3X-5.0 TI1-LM4040AIM3X-5.0 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results

同様の説明 - LM4040AIM3X-5.0

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4040AIZ-2.5 TI1-LM4040AIZ-2.5 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_13 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-4.1 TI-LM4040AIZ-4.1 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com