データシートサーチシステム |
|
LM4040CIM3-5.0 データシート(PDF) 10 Page - Texas Instruments |
|
|
LM4040CIM3-5.0 データシート(HTML) 10 Page - Texas Instruments |
10 / 67 page 10 LM4040-N, LM4040-N-Q1 SNOS633K – OCTOBER 2000 – REVISED JUNE 2016 www.ti.com Product Folder Links: LM4040-N LM4040-N-Q1 Submit Documentation Feedback Copyright © 2000–2016, Texas Instruments Incorporated (1) Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control (SQC) methods. The limits are used to calculate AOQL. (2) Typicals are at TJ = 25°C and represent most likely parametric norm. (3) The overtemperature limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Voltage Tolerance ±[( ΔVR/ΔT)(maxΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum difference in temperature from the reference point of 25°C to T MIN or TMAX, and VR is the reverse breakdown voltage. The total overtemperature tolerance for the different grades in the industrial temperature range where max ΔT = 65°C is shown below: A-grade: ±0.75% = ±0.1% ±100 ppm/°C × 65°C B-grade: ±0.85% = ±0.2% ±100 ppm/°C × 65°C C-grade: ±1.15% = ±0.5% ±100 ppm/°C × 65°C D-grade: ±1.98% = ±1.0% ±150 ppm/°C × 65°C E-grade: ±2.98% = ±2.0% ±150 ppm/°C × 65°C The total overtemperature tolerance for the different grades in the extended temperature range where max ΔT = 100 °C is shown below: C-grade: ±1.5% = ±0.5% ±100 ppm/°C × 100°C D-grade: ±2.5% = ±1.0% ±150 ppm/°C × 100°C E-grade: ±3.5% = ±2.0% ±150 ppm/°C × 100°C Therefore, as an example, the A-grade 2.5-V LM4040-N has an overtemperature Reverse Breakdown Voltage tolerance of ±2.5V × 0.75% = ±19 mV. (4) Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change must be taken into account separately. 6.7 Electrical Characteristics: 2-V LM4040-N VR Tolerance Grades 'C', 'D', And 'E'; Temperature Grade 'E' all other limits TA = TJ = 25°C. The grades C, D and E designate initial Reverse Breakdown Voltage tolerances of ±0.5%, ±1% and ±2%, respectively. PARAMETER TEST CONDITIONS MIN(1) TYP(2) MAX(1) UNIT VR Reverse Breakdown Voltage IR = 100 μA 2.048 V Reverse Breakdown Voltage Tolerance(3) IR = 100 μA LM4040CEM3 TA = TJ = 25°C ±10 mV TA = TJ = TMIN to TMAX ±30 LM4040DEM3 TA = TJ = 25°C ±20 TA = TJ = TMIN to TMAX ±50 LM4040EEM3 TA = TJ = 25°C ±41 TA = TJ = TMIN to TMAX ±70 IRMIN Minimum Operating Current LM4040CEM3 TA = TJ = 25°C 45 60 μA TA = TJ = TMIN to TMAX 68 LM4040DEM3 TA = TJ = 25°C 45 65 TA = TJ = TMIN to TMAX 73 LM4040EEM3 TA = TJ = 25°C 45 65 TA = TJ = TMIN to TMAX 73 ΔVR/ΔT Average Reverse Breakdown Voltage Temperature Coefficient(3) IR = 10 mA ±20 ppm/°C IR = 1 mA LM4040CEM3 TA = TJ = 25°C ±15 TA = TJ = TMIN to TMAX ±100 LM4040DEM3 TA = TJ = 25°C ±15 TA = TJ = TMIN to TMAX ±150 LM4040EEM3 TA = TJ = 25°C ±15 TA = TJ = TMIN to TMAX ±150 IR = 100 μA ±15 ΔVR/ΔI R Reverse Breakdown Voltage Change with Operating Current Change(4) IRMIN ≤ IR ≤ 1 mA LM4040CEM3 TA = TJ = 25°C 0.3 0.8 mV TA = TJ = TMIN to TMAX 1 LM4040DEM3 TA = TJ = 25°C 0.3 1 TA = TJ = TMIN to TMAX 1.2 LM4040EEM3 TA = TJ = 25°C 0.3 1 TA = TJ = TMIN to TMAX 1.2 1 mA ≤ IR ≤ 15 mA LM4040CEM3 TA = TJ = 25°C 2.5 6 TA = TJ = TMIN to TMAX 8 LM4040DEM3 TA = TJ = 25°C 2.5 8 TA = TJ = TMIN to TMAX 10 LM4040EEM3 TA = TJ = 25°C 2.5 8 TA = TJ = TMIN to TMAX 10 |
同様の部品番号 - LM4040CIM3-5.0 |
|
同様の説明 - LM4040CIM3-5.0 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |