データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4040C25ILPR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM4040C25ILPR
部品情報  Precision Micropower Shunt Voltage Reference
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040C25ILPR データシート(HTML) 1 Page - Texas Instruments

  LM4040C25ILPR Datasheet HTML 1Page - Texas Instruments LM4040C25ILPR Datasheet HTML 2Page - Texas Instruments LM4040C25ILPR Datasheet HTML 3Page - Texas Instruments LM4040C25ILPR Datasheet HTML 4Page - Texas Instruments LM4040C25ILPR Datasheet HTML 5Page - Texas Instruments LM4040C25ILPR Datasheet HTML 6Page - Texas Instruments LM4040C25ILPR Datasheet HTML 7Page - Texas Instruments LM4040C25ILPR Datasheet HTML 8Page - Texas Instruments LM4040C25ILPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
LM4040
IZ + IL
IL
IZ
VS
VZ
RS
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM4040A10, LM4040A20
SLOS456M – JANUARY 2005 – REVISED JANUARY 2015
LM4040xxx Precision Micropower Shunt Voltage Reference
1 Features
3 Description
The LM4040 series of shunt voltage references are
1
Fixed Output Voltages of 2.048 V, 2.5 V, 3 V,
versatile, easy-to-use references that cater to a vast
4.096 V, 5 V, 8.192 V, and 10 V
array of applications. The 2-pin fixed-output device
Tight Output Tolerances and Low Temperature
requires no external capacitors for operation and is
Coefficient
stable with all capacitive loads. Additionally, the
reference offers low dynamic impedance, low noise,
Max 0.1%, 100 ppm/°C – A Grade
and low temperature coefficient to ensure a stable
Max 0.2%, 100 ppm/°C – B Grade
output voltage over a wide range of operating
Max 0.5%, 100 ppm/°C – C Grade
currents and temperatures. The LM4040 uses fuse
Max 1.0%, 150 ppm/°C – D Grade
and Zener-zap reverse breakdown voltage trim during
wafer sort to offer four output voltage tolerances,
Low Output Noise: 35
μVRMS Typ
ranging from 0.1% (max) for the A grade to 1% (max)
Wide Operating Current Range: 45
μA Typ to 15
for the D grade. Thus, a great deal of flexibility is
mA
offered to designers in choosing the best cost-to-
Stable With All Capacitive Loads; No Output
performance ratio for their applications.
Capacitor Required
Packaged in space-saving SC-70 and SOT-23-3
Available in Extended Temperature Range: –40°C
packages and requiring a minimum current of 45
μA
to 125°C
(typ),
the
LM4040
also
is
ideal
for
portable
applications. The LM4040xI is characterized for
operation over an ambient temperature range of
2 Applications
–40°C to 85°C. The LM4040xQ is characterized for
Data-Acquisition Systems
operation over an ambient temperature range of
Power Supplies and Power-Supply Monitors
–40°C to 125°C.
Instrumentation and Test Equipment
Device Information(1)
Process Controls
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
Precision Audio
SOT-23 (3)
2.92 mm × 1.30 mm
Automotive Electronics
LM4040xxx
SC70 (6)
2.00 mm × 1.25 mm
Energy Management
(1) For all available packages, see the orderable addendum at
Battery-Powered Equipment
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - LM4040C25ILPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4040C25ILPR TI-LM4040C25ILPR Datasheet
482Kb / 43P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Vishay Siliconix
LM4040C25ILPR VISHAY-LM4040C25ILPR Datasheet
574Kb / 51P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4040C25ILPR TI-LM4040C25ILPR Datasheet
664Kb / 50P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25ILPR TI-LM4040C25ILPR Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25ILPR TI-LM4040C25ILPR Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

同様の説明 - LM4040C25ILPR

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com