データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4040DIM3X-10 データシート(PDF) 8 Page - Texas Instruments

部品番号 LM4040DIM3X-10
部品情報  LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040DIM3X-10 データシート(HTML) 8 Page - Texas Instruments

Back Button LM4040DIM3X-10 Datasheet HTML 4Page - Texas Instruments LM4040DIM3X-10 Datasheet HTML 5Page - Texas Instruments LM4040DIM3X-10 Datasheet HTML 6Page - Texas Instruments LM4040DIM3X-10 Datasheet HTML 7Page - Texas Instruments LM4040DIM3X-10 Datasheet HTML 8Page - Texas Instruments LM4040DIM3X-10 Datasheet HTML 9Page - Texas Instruments LM4040DIM3X-10 Datasheet HTML 10Page - Texas Instruments LM4040DIM3X-10 Datasheet HTML 11Page - Texas Instruments LM4040DIM3X-10 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
8
LM4040-N, LM4040-N-Q1
SNOS633K – OCTOBER 2000 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM4040-N LM4040-N-Q1
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate AOQL.
(2)
Typicals are at TJ = 25°C and represent most likely parametric norm.
(3)
The overtemperature limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Voltage
Tolerance ±[(
ΔVR/ΔT)(maxΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum difference in temperature
from the reference point of 25°C to T MIN or TMAX, and VR is the reverse breakdown voltage. The total overtemperature tolerance for the
different grades in the industrial temperature range where max
ΔT = 65°C is shown below:
A-grade: ±0.75% = ±0.1% ±100 ppm/°C × 65°C
B-grade: ±0.85% = ±0.2% ±100 ppm/°C × 65°C
C-grade: ±1.15% = ±0.5% ±100 ppm/°C × 65°C
D-grade: ±1.98% = ±1.0% ±150 ppm/°C × 65°C
E-grade: ±2.98% = ±2.0% ±150 ppm/°C × 65°C
The total overtemperature tolerance for the different grades in the extended temperature range where max
ΔT = 100 °C is shown below:
C-grade: ±1.5% = ±0.5% ±100 ppm/°C × 100°C
D-grade: ±2.5% = ±1.0% ±150 ppm/°C × 100°C
E-grade: ±3.5% = ±2.0% ±150 ppm/°C × 100°C
Therefore, as an example, the A-grade 2.5-V LM4040-N has an overtemperature Reverse Breakdown Voltage tolerance of ±2.5V ×
0.75% = ±19 mV.
6.6 Electrical Characteristics: 2-V LM4040-N VR Tolerance Grades 'C', 'D', And 'E'; Temperature
Grade 'I'
all other limits TA = TJ = 25°C. The grades C, D and E designate initial Reverse Breakdown Voltage tolerances of ±0.5%, ±1%
and ±2%, respectively.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VR
Reverse Breakdown
Voltage
IR = 100 μA
2.048
V
Reverse Breakdown
Voltage Tolerance(3)
IR = 100 μA
LM4040CIM3
LM4040CIZ
LM4040CIM7
TA = TJ = 25°C
±10
mV
TA = TJ = TMIN to TMAX
±23
LM4040DIM3
LM4040DIZ
LM4040DIM7
TA = TJ = 25°C
±20
TA = TJ = TMIN to TMAX
±40
LM4040EIZ
LM4040EIM7
TA = TJ = 25°C
±41
TA = TJ = TMIN to TMAX
±60
IRMIN
Minimum Operating
Current
LM4040CIM3
LM4040CIZ
LM4040CIM7
TA = TJ = 25°C
45
60
μA
TA = TJ = TMIN to TMAX
65
LM4040DIM3
LM4040DIZ
LM4040DIM7
TA = TJ = 25°C
45
65
TA = TJ = TMIN to TMAX
70
LM4040EIZ
LM4040EIM7
TA = TJ = 25°C
45
65
TA = TJ = TMIN to TMAX
70
ΔVR/ΔT
Average Reverse
Breakdown Voltage
Temperature
Coefficient(3)
IR = 10 mA
±20
ppm/°C
IR = 1 mA
LM4040CIM3
LM4040CIZ
LM4040CIM7
TA = TJ = 25°C
±15
TA = TJ = TMIN to TMAX
±100
LM4040DIM3
LM4040DIZ
LM4040DIM7
TA = TJ = 25°C
±15
TA = TJ = TMIN to TMAX
±150
LM4040EIZ
LM4040EIM7
TA = TJ = 25°C
±15
TA = TJ = TMIN to TMAX
±150
IR = 100 μA
±15


同様の部品番号 - LM4040DIM3X-10

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4040DIM3X-10 TI1-LM4040DIM3X-10 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
logo
National Semiconductor ...
LM4040DIM3X-10.0 NSC-LM4040DIM3X-10.0 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
LM4040DIM3X-10.0 NSC-LM4040DIM3X-10.0 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040DIM3X-10/NOPB TI1-LM4040DIM3X-10/NOPB Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
More results

同様の説明 - LM4040DIM3X-10

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4040AIZ-2.5 TI1-LM4040AIZ-2.5 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_13 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-4.1 TI-LM4040AIZ-4.1 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com